Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5501-BSZ Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CS5501-BSZ
Description  Non-aliasing, 16- & 20-bit A/D Converters
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-BSZ Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CS5501-BSZ Datasheet HTML 3Page - Cirrus Logic CS5501-BSZ Datasheet HTML 4Page - Cirrus Logic CS5501-BSZ Datasheet HTML 5Page - Cirrus Logic CS5501-BSZ Datasheet HTML 6Page - Cirrus Logic CS5501-BSZ Datasheet HTML 7Page - Cirrus Logic CS5501-BSZ Datasheet HTML 8Page - Cirrus Logic CS5501-BSZ Datasheet HTML 9Page - Cirrus Logic CS5501-BSZ Datasheet HTML 10Page - Cirrus Logic CS5501-BSZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Notes: 14. CLKIN must be supplied whenever the CS5501 or CS5503 is not in SLEEP mode. If no clock is
present when not in SLEEP mode, the device can draw higher current than specified
and possibly become uncalibrated.
15. The CS5501/CS5503 is production tested at 4.096 MHz. It is guaranteed by characterization
to operate at 200 kHz.
16. Specified using 10% and 90% points on waveform of interest.
17. In order to synchronize several CS5501’s or CS5503’s together using the SLEEP pin,
this specification must be met.
SWITCHING CHARACTERISTICS (TA = Tmin to Tmax; CLKIN=4.096 MHz; VA+, VD+ = 5V±10%;
VA-, VD- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF; unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency: Internal Gate Oscillator
(See Table 1)
Externally Supplied:
(Note 14)
Maximum
Minimum
(Note 15)
CLKIN
CLKIN
CLKIN
200
-
200
4096
-
40
5000
5000
-
kHz
kHz
kHz
CLKIN Duty Cycle
20
-
80
%
Rise Times:
Any Digital Input
Any Digital Output
(Note 16)
trise
trise
-
-
-
20
1.0
-
µs
ns
Fall Times:
Any Digital Input
Any Digital Output
(Note 16)
tfall
tfall
-
-
-
20
1.0
-
µs
ns
Set Up Times:
SC1, SC2 to CAL Low
SLEEP High to CLKIN High (Note 17)
tscs
tsls
100
1
-
-
-
-
ns
µs
Hold Time:
SC1, SC2 hold after CAL falls
tsch
100
-
-
ns
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V) (Note 12)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
VA+
-5.5
5.5
-5.5
V
V
V
V
Analog Reference Voltage
VREF
1.0
2.5
3.0
V
Analog Input Voltage:
(Note 13)
Unipolar
Bipolar
VAIN
VAIN
AGND
-VREF
-
-
VREF
VREF
V
V
Notes: 12. All voltages with respect to ground.
13. The CS5501 and CS5503 can accept input voltages up to the analog supplies (VA+ and VA-). They
will accurately convert and filter signals with noise excursions up to 100mV beyond
|VREF|.
After filtering, the devices will output all 1’s for any input above VREF and all 0’s for any input below
AGND in unipolar mode and -VREF in bipolar mode.
CS5501/CS5503
DS31F4
7
CS5501 CS5503
DS31F5
7


Numéro de pièce similaire - CS5501-BSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5501-BS CIRRUS-CS5501-BS Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Description similaire - CS5501-BSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com