Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5501-BP Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce CS5501-BP
Description  Non-aliasing, 16- & 20-bit A/D Converters
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-BP Fiches technique(HTML) 5 Page - Cirrus Logic

  CS5501-BP Datasheet HTML 1Page - Cirrus Logic CS5501-BP Datasheet HTML 2Page - Cirrus Logic CS5501-BP Datasheet HTML 3Page - Cirrus Logic CS5501-BP Datasheet HTML 4Page - Cirrus Logic CS5501-BP Datasheet HTML 5Page - Cirrus Logic CS5501-BP Datasheet HTML 6Page - Cirrus Logic CS5501-BP Datasheet HTML 7Page - Cirrus Logic CS5501-BP Datasheet HTML 8Page - Cirrus Logic CS5501-BP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
DYNAMIC CHARACTERISTICS
Parameter
Symbol
ts
fs
fout
f-3dB
CLKIN/ 256
Units
Hz
s
Sps
Hz
Settling Time to
+0.0007% FS (FS Step)
_
Sampling Frequency
Output Update Rate
Filter Corner Frequency
CLKIN /1024
CLKIN /409,600
Ratio
506,880/CLKIN
Continuous-Time Representation of 6-Pole Gaussian Filter
H(x) = [1 + 0.694x
2 + 0.241x4 + 0.0557x6 + 0.009664x8 + 0.00134x10 + 0.000155x12]-1/2
where
x = f/f-3dB,
f-3dB = CLKIN/409,600, and f is the frequency of interest.
S-Domain Pole/Zero Plot (Continuous-Time Representation)
S1,2 = -1.4667
± j1.8199
S3,4 = -1.7559
± j1.0008
S5,6 = -1.8746
± j0.32276
Frequency Response
-1
-2
-j2
-j1
j2
j1
1
10
100
1000
Frequency in Hz
-140
-120
-100
-80
-60
-40
-20
0
20
CLKIN = 2 MHz
CLKIN = 1 MHz
CLKIN = 4 MHz
-
σ
j
ω
CS5501/CS5503
DS31F4
5
CS5501 CS5503
DS31F5
5


Numéro de pièce similaire - CS5501-BP

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5501-BP CIRRUS-CS5501-BP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Description similaire - CS5501-BP

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com