Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4373-IS Fiches technique(PDF) 9 Page - Cirrus Logic

No de pièce CS4373-IS
Description  Low-power, High-performance Delta-Sigma Test DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4373-IS Fiches technique(HTML) 9 Page - Cirrus Logic

Back Button CS4373-IS Datasheet HTML 5Page - Cirrus Logic CS4373-IS Datasheet HTML 6Page - Cirrus Logic CS4373-IS Datasheet HTML 7Page - Cirrus Logic CS4373-IS Datasheet HTML 8Page - Cirrus Logic CS4373-IS Datasheet HTML 9Page - Cirrus Logic CS4373-IS Datasheet HTML 10Page - Cirrus Logic CS4373-IS Datasheet HTML 11Page - Cirrus Logic CS4373-IS Datasheet HTML 12Page - Cirrus Logic CS4373-IS Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CS4373
DS577F1
9
2. TERMINOLOGY
Dynamic Range (Signal-to-Noise Ratio) - Ratio of the rms magnitude of the theoretical full
scale signal to the integrated rms noise from DC to 400 Hz. The following formula is used to
calculate this value:
Total Harmonic Distortion - Ratio of the power of the fundamental frequency to the sum of the
powers of all harmonic frequencies from DC to 400 Hz. The following formula is used to cal-
culate this value:
Full Scale Bandwidth - The bandwidth in which the converter can generate a full scale signal
while maintaining all performance specifications.
Wideband Max Amplitude - The maximum amplitude of the output signal beyond the full scale
band-width.
Differential Output Level - The peak-to-peak voltage between the analog output pins of the
converter.
Absolute Accuracy - Variation in the measured output voltage from the theoretical output volt-
age at each of the attenuation ranges. The following formula is used to calculate this value:
Relative Accuracy - Variation in the measured output voltage from the theoretical output volt-
age (relative to measured full scale signal with no attenuation) at each of the attenuation
ranges. The following formula is used to calculate this value:
Offset Error - Variation from the theoretical common mode voltage generated by the convert-
er. The following formula is used to calculate this value:
Full Scale Drift - The variation of the measured full scale voltage across the specified temper-
ature range.
Offset Drift - The variation in the measured offset voltage across the specified temperature
range.
SNR = 20log
rms magnitude of full scale signal
rms magnitude of noise floor
(
THD = 10log
power of the fundamental frequency
sum of the powers of the harmonic frequencies
(
absolute accuracy =
measured attenuated voltage - theoretical attenuated voltage
theoretical attenuated voltage
(
•100%
relative accuracy =
measured attenuated voltage - theoretical attenuated voltage
theoretical attenuated voltage (relative to the measured full scale voltage)
(
•100%
offset error =
measured offset
theoretical full scale voltage
(
•100%


Numéro de pièce similaire - CS4373-IS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4373A CIRRUS-CS4373A Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
CS4373A-ISZ CIRRUS-CS4373A-ISZ Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
More results

Description similaire - CS4373-IS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4373A CIRRUS-CS4373A Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
CS5373A CIRRUS-CS5373A Datasheet
863Kb / 40P
   Low-power, High-performance Modulator and Test DAC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Analog Devices
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
   Dual Sigma-Delta ADC with Auxiliary DAC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Analog Devices
AD7729ARZ AD-AD7729ARZ Datasheet
134Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729 Datasheet
142Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729_15 Datasheet
146Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com