Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4373 Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS4373
Description  Low-power, High-performance Delta-Sigma Test DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4373 Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS4373 Datasheet HTML 4Page - Cirrus Logic CS4373 Datasheet HTML 5Page - Cirrus Logic CS4373 Datasheet HTML 6Page - Cirrus Logic CS4373 Datasheet HTML 7Page - Cirrus Logic CS4373 Datasheet HTML 8Page - Cirrus Logic CS4373 Datasheet HTML 9Page - Cirrus Logic CS4373 Datasheet HTML 10Page - Cirrus Logic CS4373 Datasheet HTML 11Page - Cirrus Logic CS4373 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CS4373
8
DS577F1
CS4373
TDATA
CAP+
CAP-
BUF+
BUF-
OUT+
OUT-
MCLK
SYNC
LPWR
DGND
MODE1
MODE2
ATT0
ATT1
MODE0
ATT2
VA-
VREF
10
0.01µF
VREF+
VREF-
100µF
VA-
0.01µF
VA+
VA-
VD
0.01µF
0.01µF
VD
VA+
Differential
Sensor
CS5376A
MCLK
MSYNC
MDATA1
MFLAG1
MDATA2
MFLAG2
MDATA3
MFLAG3
MDATA4
MFLAG4
Differential
Sensor
Differential
Sensor
Differential
Sensor
CS5372
MCLK
MSYNC
MDATA1
MFLAG1
INR1+
INF1+
INF1-
INR1-
INR2+
INF2+
INF2-
INR2-
MDATA2
MFLAG2
LPWR
CS5372
MCLK
MSYNC
MDATA1
MFLAG1
INR1+
INF1+
INF1-
INR1-
INR2+
INF2+
INF2-
INR2-
MDATA2
MFLAG2
LPWR
CS3301/
CS3302
OUTF+
OUTF-
OUTR+
OUTR+
INA-
INA+
INB-
INB+
GAIN0
GAIN1
GAIN2
LPWR
CS3301/
CS3302
OUTF+
OUTF-
OUTR+
OUTR+
INA-
INA+
INB-
INB+
GAIN0
GAIN1
GAIN2
LPWR
CS3301/
CS3302
OUTF+
OUTF-
OUTR+
OUTR+
INA-
INA+
INB-
INB+
GAIN0
GAIN1
GAIN2
LPWR
CS3301/
CS3302
OUTF+
OUTF-
OUTR+
OUTR+
INA-
INA+
INB-
INB+
GAIN0
GAIN1
GAIN2
LPWR
0.02µF
0.02µF
COG
0.02µF
0.02µF
COG
0.02µF
0.02µF
COG
0.02µF
0.02µF
COG
10nF
COG
COG
COG
COG
COG
Switch
Control
VA-
Figure 4. CS4373 System Connections


Numéro de pièce similaire - CS4373

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4373A CIRRUS-CS4373A Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
CS4373A-ISZ CIRRUS-CS4373A-ISZ Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
More results

Description similaire - CS4373

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4373A CIRRUS-CS4373A Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
CS5373A CIRRUS-CS5373A Datasheet
863Kb / 40P
   Low-power, High-performance Modulator and Test DAC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Analog Devices
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
   Dual Sigma-Delta ADC with Auxiliary DAC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Analog Devices
AD7729ARZ AD-AD7729ARZ Datasheet
134Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729 Datasheet
142Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729_15 Datasheet
146Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com