Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RBC96-2U Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce RBC96-2U
Description  2U UPS Replacement 72VDC Battery Cartridge for select Tripp Lite SmartOnline UPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC96-2U Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  RBC96-2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC96-2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
2U UPS Replacement 72VDC Battery Cartridge
for select Tripp Lite SmartOnline UPS
MODEL NUMBER: RBC96-2U
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering
from expired or weak internal batteries. Each replacement battery cartridge is carefully screened and
certified to meet or exceed original specifications, and ships ready for installation into your UPS system.
Reusable packaging holds expired batteries for recycling center delivery. See Tripp Lite's UPS
replacement battery web page to confirm compatibility and quantity required.
COMPATIBLE WITH TRIPP LITE MODELS SU3000RTXL2U and SUINT3000RTXL2U
Features
Restores UPS runtime performance to original specifications
q
Comes pre-assembled and ready for installation
q
Reusable packaging holds expired batteries for recycling center delivery
q
Highlights
Tripp Lite-certified premium
battery cartridge
q
Pre-assembled and wired
battery kit offers simple
installation
q
Rugged leak-proof construction
q
Maintenance free
q
Wide operating temperature
range
q
Package Includes
One pre-assembled 72V battery
kit (consists of two strings of
12V batteries)
q
OVERVIEW
UPC Code
037332146403
BATTERY
DC System Voltage (VDC)
72
Included Battery Set
Consists of two pre-assembled strings of 12V batteries
Typical Battery Lifespan
3 to 5 years, depending on UPS operating conditions
PHYSICAL
Shipping Dimensions (hwd / cm)
16.18 x 51.05 x 19.00
1 / 2


Numéro de pièce similaire - RBC96-2U

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
RBC96-3U TRIPPLITE-RBC96-3U Datasheet
156Kb / 2P
   3U UPS Replacement 72VDC Battery Cartridge (1 set of 6) for select Tripp Lite SmartOnline UPS
More results

Description similaire - RBC96-2U

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC24-SUTWR TRIPPLITE-RBC24-SUTWR Datasheet
157Kb / 2P
   UPS Replacement Battery Cartridge for select Tripp Lite SmartOnline Tower UPS
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
logo
Tripp Lite. All Rights ...
RBC49-DV TRIPPLITE-RBC49-DV Datasheet
158Kb / 2P
   2U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC96-3U TRIPPLITE-RBC96-3U Datasheet
156Kb / 2P
   3U UPS Replacement 72VDC Battery Cartridge (1 set of 6) for select Tripp Lite SmartOnline UPS
RBC48S TRIPPLITE-RBC48S Datasheet
169Kb / 2P
   Replacement Battery Cartridge for Select 48V Tripp Lite SmartOnline UPS Systems
RBC72S TRIPPLITE-RBC72S Datasheet
161Kb / 2P
   Replacement Battery Cartridge for Select 72V Tripp Lite SmartOnline UPS Systems
RBC36-SLT TRIPPLITE-RBC36-SLT Datasheet
161Kb / 2P
   UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC24-SLT TRIPPLITE-RBC24-SLT Datasheet
162Kb / 2P
   UPS Replacement 24VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC69-1U TRIPPLITE-RBC69-1U Datasheet
157Kb / 2P
   1U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com