Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RBC36-SLT Datasheet(Fiches technique) 1 Page - Tripp Lite. All Rights Reserved

Numéro de pièce RBC36-SLT
Description  UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC36-SLT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  RBC36-SLT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC36-SLT Datenblatt HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
UPS Replacement 36VDC Battery Cartridge for
select Tripp Lite SLT UPS
MODEL NUMBER: RBC36-SLT
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering
from expired or weak internal batteries. Each replacement battery cartridge is carefully screened and
certified to meet or exceed original specifications, and ships ready for installation into your UPS system.
Reusable packaging holds expired batteries for recycling center delivery. See Tripp Lite's UPS
replacement battery web page to confirm compatibility and quantity required.
Compatible with Tripp Lite models SMART1500, SMART1500SLT, SMX1500SLT (versions with pre-
assembled 3-battery cartridges only; see compatibility listing for non-assembled battery versions)
Features
Restores UPS runtime performance to original specifications
q
Comes pre-assembled and ready for installation
q
Reusable packaging holds expired batteries for recycling center delivery
q
Highlights
Tripp Lite-certified premium
battery cartridge
q
Pre-assembled and wired
battery kit offers simple
installation
q
Rugged leak-proof construction
q
Maintenance free
q
Wide operating temperature
range
q
Package Includes
One pre-assembled battery
pack consisting of three 12V
batteries
q
OVERVIEW
UPC Code
037332127136
BATTERY
DC System Voltage (VDC)
36
Included Battery Set
Set of 3 pre-assembled 12V batteries
Typical Battery Lifespan
3-5 years, depending on UPS operating conditions
1 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn