Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RBC36-SLT Datasheet(Fiches technique) 2 Page - Tripp Lite. All Rights Reserved

Numéro de pièce RBC36-SLT
Description  UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC36-SLT Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  RBC36-SLT Datenblatt HTML 1Page - Tripp Lite. All Rights Reserved RBC36-SLT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
PHYSICAL
Shipping Dimensions (hwd / cm)
11.68 x 16.51 x 28.96
Shipping Dimensions (hwd / in.)
4.60 x 6.50 x 11.40
Shipping Weight (kg)
8.75
Shipping Weight (lbs.)
19.30
Unit Dimensions (hwd / cm)
10.16 x 15.2 x 19.1
Unit Dimensions (hwd / in.)
4 x 6 x 7.5
Unit Weight (kg)
8.53
Unit Weight (lbs.)
18.8
ENVIRONMENTAL
Relative Humidity
0-95% NON-CONDENSING
Operating Elevation (ft.)
0-10,000 FEET
Storage Elevation (ft.)
0-50,000 FEET
Operating Elevation (m)
0-3000 m
Storage Elevation (m)
0 - 15,200 m
CERTIFICATIONS
Certifications
RoHS compliant
WARRANTY
Product Warranty Period (U.S. &
Canada)
18-month limited warranty
Product Warranty Period
(International)
1-year limited warranty
Product Warranty Period (Mexico)
1-year limited warranty
Product Warranty Period (Puerto
Rico)
1-year limited warranty
2 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn