Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NBN7-12GK50-E2-M Datasheet(Fiches technique) 2 Page - Pepperl+Fuchs Inc.

Numéro de pièce NBN7-12GK50-E2-M
Description  Inductive sensor
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PF [Pepperl+Fuchs Inc.]
Site Internet  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN7-12GK50-E2-M Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  NBN7-12GK50-E2-M Datenblatt HTML 1Page - Pepperl+Fuchs Inc. NBN7-12GK50-E2-M Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Inductive sensor
NBN7-12GK50-E2-M
2
Electrical Connection
Installation Hint
BN
L+
L-
BK
BU
Interference immunity in accordance with
DIN ISO 11452-2: 100 V/m
Frequency band 20 MHz up to 2 GHz
Mains-borne interference in accordance with ISO
7637-2: Pulse
1
2a
2b
3 a
3b
4
5
Severity level
III III
III
III
III
III
III
Failure criterion
C
A
C
A
A
A
B
EN 61000-4-2:
CD: 8 kV /
AD: 15 kV
Severity level
IV
IV
EN 61000-4-3:
30 V/m (80...2500 MHz)
Severity level
IV
EN 61000-4-4:
2 kV
Severity level
III
EN 61000-4-6:
10 V (0.01...80 MHz)
Severity level
III
EN 55011:
Class A


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn