Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBN7-12GK50-E0-M Fiches technique(PDF) 1 Page - Pepperl+Fuchs Inc.

No de pièce NBN7-12GK50-E0-M
Description  Inductive sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PF [Pepperl+Fuchs Inc.]
Site Internet  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN7-12GK50-E0-M Fiches technique(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN7-12GK50-E0-M Datasheet HTML 1Page - Pepperl+Fuchs Inc. NBN7-12GK50-E0-M Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Inductive sensor
NBN7-12GK50-E0-M
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
S
E 1
Model Number
NBN7-12GK50-E0-M
Features
• 7 mm non-flush
• Extended temperature range
-40 ... +85 °C
• Increased noise immunity 100 V/m
• E1-Type approval
• With increased sealing, protection
class
IP68 / IP69K
• Highly shock and vibration resistant
Accessories
EXG-12
Quick mounting bracket with dead stop
Technical Data
General specifications
Switching function
Normally open (NO)
Output type
NPN
Rated operating distance
sn
7 mm
Installation
non-flush
Output polarity
DC
Assured operating distance
sa
0 ... 5.67 mm
Reduction factor rAl
0.5
Reduction factor rCu
0.4
Reduction factor r304
0.7
Reduction factor rBrass
0.5
Output type
3-wire
Nominal ratings
Operating voltage
UB
5 ... 60 V
Switching frequency
f
0 ... 1500 Hz
Hysteresis
H
typ. 5 %
Reverse polarity protection
reverse polarity protected
Short-circuit protection
pulsing
Inductive overvoltage protection
yes
Surge suppression
yes
Voltage drop
Ud
≤ 2 V
Rated insulation voltage
UBIS 60 V
Operating current
IL
0 ... 200 mA
Off-state current
Ir
0 ... 0.5 mA typ. 0.1 µA at 25 °C
No-load supply current
I0
≤ 7 mA
Time delay before availability
tv
≤ 200 ms
Switching state indicator
LED, yellow
Functional safety related parameters
MTTFd
1183 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Connection type
cable PUR , 2 m
Core cross-section
3 x 0.75 mm2
Housing material
PBT
Sensing face
PBT
Degree of protection
IP68 / IP69K
Mass
110 g
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
Certified by China Compulsory Certification (CCC)
E1 Type approval
10R-04
Dimensions
Electrical Connection
17
LED
M12 x 1
BN
L+
L-
BK
BU


Numéro de pièce similaire - NBN7-12GK50-E0-M

FabricantNo de pièceFiches techniqueDescription
logo
Pepperl+Fuchs Inc.
NBN7-12GK50-E1-M PF-NBN7-12GK50-E1-M Datasheet
281Kb / 2P
   Inductive sensor
NBN7-12GK50-E2-M PF-NBN7-12GK50-E2-M Datasheet
274Kb / 2P
   Inductive sensor
NBN7-12GK50-E3-M PF-NBN7-12GK50-E3-M Datasheet
278Kb / 2P
   Inductive sensor
More results

Description similaire - NBN7-12GK50-E0-M

FabricantNo de pièceFiches techniqueDescription
logo
Pepperl+Fuchs Inc.
NBB8-18GM50-E2-Y278765 PF-NBB8-18GM50-E2-Y278765 Datasheet
165Kb / 1P
   Inductive sensor
NBN8-12GM50-E2-V1-Y323749 PF-NBN8-12GM50-E2-V1-Y323749 Datasheet
211Kb / 2P
   Inductive sensor
NBN40-U1-E0-M PF-NBN40-U1-E0-M Datasheet
298Kb / 2P
   Inductive sensor
NBN40-U1-E3-M PF-NBN40-U1-E3-M Datasheet
296Kb / 2P
   Inductive sensor
NJ8-18GK-SN-50M PF-NJ8-18GK-SN-50M Datasheet
210Kb / 2P
   Inductive sensor
NBB15-30GM50-E0-M-Y242746 PF-NBB15-30GM50-E0-M-Y242746 Datasheet
260Kb / 2P
   Inductive sensor
NCB2-12GM60-B3-V1 PF-NCB2-12GM60-B3-V1 Datasheet
259Kb / 2P
   Inductive sensor
NCB5-18GM60-B3B-V1 PF-NCB5-18GM60-B3B-V1 Datasheet
292Kb / 3P
   Inductive sensor
NMB6-F104M-E2-FE-200MM-V3 PF-NMB6-F104M-E2-FE-200MM-V3 Datasheet
226Kb / 2P
   Inductive sensor
NJ2-12GM40-E PF-NJ2-12GM40-E Datasheet
134Kb / 1P
   Inductive sensor
NBB2-F29-A2-5M PF-NBB2-F29-A2-5M Datasheet
164Kb / 1P
   Inductive sensor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com