Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NBN4-V3-E0 Datasheet(Fiches technique) 1 Page - Pepperl+Fuchs Inc.

Numéro de pièce NBN4-V3-E0
Description  Inductive sensor
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PF [Pepperl+Fuchs Inc.]
Site Internet  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN4-V3-E0 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN4-V3-E0 Datasheet HTML 1Page - Pepperl+Fuchs Inc. NBN4-V3-E0 Datenblatt HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Inductive sensor
NBN4-V3-E0
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
NBN4-V3-E0
Features
•3-wire DC
• 4 mm non-flush
Technical Data
General specifications
Switching element function
NPN
NO
Rated operating distance
sn
4 mm
Installation
non-flush
Output polarity
DC
Assured operating distance
sa
0 ... 3.24 mm
Reduction factor rAl
0.35
Reduction factor rCu
0.2
Reduction factor r304
0.7
Nominal ratings
Operating voltage
UB
10 ... 30 V DC
Switching frequency
f
0 ... 500 Hz
Reverse polarity protection
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 3 V
Operating current
IL
0 ... 100 mA
Off-state current
Ir
0 ... 0.5 mA typ. 0.1 µA at 25 °C
No-load supply current
I0
≤ 15 mA
Switching state indicator
LED, yellow
Functional safety related parameters
MTTFd
3560 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
cable PVC , 130 mm
Core cross-section
0.14 mm2
Housing material
PBT
Sensing face
PBT
Degree of protection
IP67
Mass
10 g
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
CCC approval / marking not required for products rated ≤36 V
Dimensions
22.2
27.8
26.1
3
22.7
LED


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn