Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HC4520ME4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
CD74HC4520ME4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 13 page 4 HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2 - - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC and GND 0 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oCTO85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS MR 1.2 CP 0.25 ENABLE 0.5 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Table, e.g., 360 µA max at 25oC. Prerequisite for Switching Specifications PARAMETER SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Maximum Clock Frequency fMAX 2 6 - - 5-4- MHz 4.5 30 - - 24 - 20 - MHz 6 35 - - 28 - 24 - MHz CP Pulse Width tW 2 80 - - 100 - 120 - ns 4.5 16 - - 20 - 24 - ns 6 14 - - 17 - 20 - ns MR Pulse Width tW 2 100 - - 125 - 150 - ns 4.5 20 - - 25 - 30 - ns 6 17 - - 21 - 26 - ns CD74HC4518, CD54HC4520, CD74HC4520, CD74HCT4520 |
Numéro de pièce similaire - CD74HC4520ME4 |
|
Description similaire - CD74HC4520ME4 |