Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS71024U-15 Fiches technique(PDF) 8 Page - GSI Technology

No de pièce GS71024U-15
Description  64K x 24 1.5Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024U-15 Fiches technique(HTML) 8 Page - GSI Technology

Back Button GS71024U-15 Datasheet HTML 4Page - GSI Technology GS71024U-15 Datasheet HTML 5Page - GSI Technology GS71024U-15 Datasheet HTML 6Page - GSI Technology GS71024U-15 Datasheet HTML 7Page - GSI Technology GS71024U-15 Datasheet HTML 8Page - GSI Technology GS71024U-15 Datasheet HTML 9Page - GSI Technology GS71024U-15 Datasheet HTML 10Page - GSI Technology GS71024U-15 Datasheet HTML 11Page - GSI Technology GS71024U-15 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
8/13
© 1999, GSI Technology
* These parameters are sampled and are not 100% tested
Write Cycle
Parameter
Symbol
-8
-9
-10
-12
-15
Unit
MinMax
MinMax
MinMax
MinMax
MinMax
Write cycle time
tWC
8—
9—
10
12
15
ns
Address valid to end of write
tAW
5.5
6.25
7
8
10
ns
Chip enable to end of write (CE1, CE2)
tCW
5.5
6.25
7
8
10
ns
MUX control to end of write (V/S)
tVW
5.5
6.25
7
8
10
ns
Data set up time
tDW
4—
4.5
5—6
7
ns
Data hold time
tDH
0—
0—
0—0
0
ns
Write pulse width
tWP
5.5
6.25
7
8
10
ns
Address set up time
tAS
0—
0—
0—0
0
ns
MUX control set up time
tVS
0—
0—
0—0
0
ns
Write recovery time (WE)
tWR
0—
0—
0—0
0
ns
Write recovery time (V/S, CE1, CE2 )
tWR1
0—
0—
0—0
0
ns
Output Low Z from end of write
tWLZ*
2—
2.5
3—3
3
ns
Write to output in High Z
tWHZ*
—4
4.5
—5
6
7
ns


Numéro de pièce similaire - GS71024U-15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS71108AGJ-10 ETC2-GS71108AGJ-10 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-10I ETC2-GS71108AGJ-10I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12 ETC2-GS71108AGJ-12 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12I ETC2-GS71108AGJ-12I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-7 ETC2-GS71108AGJ-7 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results

Description similaire - GS71024U-15

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
STMicroelectronics
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
logo
Taiwan Memory Technolog...
T35L6464A TMT-T35L6464A Datasheet
160Kb / 16P
   64K x 64 SRAM???
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
   64K x 32 SRAM?
logo
Micron Technology
MT5C6401 MICRON-MT5C6401 Datasheet
128Kb / 11P
   64K x 1 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com