Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-7850 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-7850
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7850 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-7850 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7850 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Superior performance in design
critical specifications such as
common-mode rejection, offset
voltage, nonlinearity, and
operating temperature make the
HCPL-7850/7851 an excellent
choice for designing reliable
products such as motor
controllers and inverters.
Common-mode rejection of
8 kV/
µs makes the HCPL-7850/
7851 suitable for noisy electrical
environments such as those
generated by the high switching
rates of power IGBTs.
Low offset voltage together with
a low offset voltage temperature
coefficient permits accurate use
of auto-calibration techniques.
Gain tolerance of 5% with 0.1%
nonlinearity further provide the
performance necessary for
accurate feedback and control.
Selection Guide-Package Styles and Lead
Configuration Options
Agilent Part Number and Options
Commercial
HCPL-7850
MIL-PRF-38534, Class H
HCPL-7851
Standard Lead Finish
Gold Plate
Solder Dipped
Option #200
Butt Cut/Gold Plate
Option #100
Gull Wing/Soldered
Option #300
SMD Part Number
Prescript for all below
5962-
Either Gold or Solder
9755701HPX
Gold Plate
9755701HPC
Solder Dipped
9755701HPA
Butt Cut/Gold Plate
9755701HYC
Butt Cut/Soldered
9755701HYA
Gull Wing/Soldered
9755701HXA
Device Marking
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXXXX
XXXXXXXXX
XXX
XXX
50434
COUNTRY OF MFR.
Agilent CAGE CODE*
Agilent DESIGNATOR
DSCC SMD*
PIN ONE/
ESD IDENT
Agilent P/N
DSCC SMD*
* QUALIFIED PARTS ONLY


Numéro de pièce similaire - HCPL-7850

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7850 AVAGO-HCPL-7850 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
HCPL-7850 BOARDCOM-HCPL-7850 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Description similaire - HCPL-7850

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com