Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G32GW Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AUP1G32GW
Description  Low-power 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G32GW Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G32GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
9397 750 14678
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 August 2005
8 of 16
Philips Semiconductors
74AUP1G32
Low-power 2-input OR gate
12. Dynamic characteristics
Table 9:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Tamb = 25 °C; CL = 5 pF
tPHL, tPLH
propagation delay A or B to Y
see Figure 6
VCC = 0.8 V
-
16.8
-
ns
VCC = 1.1 V to 1.3 V
2.4
5.1
10.9
ns
VCC = 1.4 V to 1.6 V
1.6
3.6
6.6
ns
VCC = 1.65 V to 1.95 V
1.4
3.0
5.2
ns
VCC = 2.3 V to 2.7 V
1.1
2.4
3.9
ns
VCC = 3.0 V to 3.6 V
1.0
2.1
3.5
ns
Tamb = 25 °C; CL = 10 pF
tPHL, tPLH
propagation delay A or B to Y
see Figure 6
VCC = 0.8 V
-
20.3
-
ns
VCC = 1.1 V to 1.3 V
2.3
5.9
12.7
ns
VCC = 1.4 V to 1.6 V
1.9
4.2
7.7
ns
VCC = 1.65 V to 1.95 V
1.7
3.5
6.0
ns
VCC = 2.3 V to 2.7 V
1.4
2.9
4.6
ns
VCC = 3.0 V to 3.6 V
1.3
2.7
4.3
ns
Tamb = 25 °C; CL = 15 pF
tPHL, tPLH
propagation delay A or B to Y
see Figure 6
VCC = 0.8 V
-
23.8
-
ns
VCC = 1.1 V to 1.3 V
3.3
6.7
14.3
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
8.6
ns
VCC = 1.65 V to 1.95 V
2.0
4.0
6.7
ns
VCC = 2.3 V to 2.7 V
1.7
3.3
5.3
ns
VCC = 3.0 V to 3.6 V
1.5
3.1
4.9
ns
Tamb = 25 °C; CL = 30 pF
tPHL, tPLH
propagation delay A or B to Y
see Figure 6
VCC = 0.8 V
-
34.1
-
ns
VCC = 1.1 V to 1.3 V
4.5
9.0
19.1
ns
VCC = 1.4 V to 1.6 V
3.4
6.3
11.3
ns
VCC = 1.65 V to 1.95 V
2.6
5.3
8.9
ns
VCC = 2.3 V to 2.7 V
2.3
4.4
7.0
ns
VCC = 3.0 V to 3.6 V
2.2
4.2
6.4
ns


Numéro de pièce similaire - 74AUP1G32GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G32GW NXP-74AUP1G32GW Datasheet
349Kb / 21P
   Low-power 2-input OR-gate
Rev. 7-8 July 2013
logo
Nexperia B.V. All right...
74AUP1G32GW NEXPERIA-74AUP1G32GW Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP1G32GW-Q100 NEXPERIA-74AUP1G32GW-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
More results

Description similaire - 74AUP1G32GW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
logo
NXP Semiconductors
74AUP1G32GF NXP-74AUP1G32GF Datasheet
349Kb / 21P
   Low-power 2-input OR-gate
Rev. 7-8 July 2013
logo
Nexperia B.V. All right...
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
logo
NXP Semiconductors
74AUP2G32 NXP-74AUP2G32 Datasheet
100Kb / 17P
   Low-power dual 2-input OR gate
Rev. 03-8 January 2009
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com