Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14015BDT Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC14015BDT
Description  Dual 4-Bit Static Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14015BDT Fiches technique(HTML) 4 Page - ON Semiconductor

  MC14015BDT Datasheet HTML 1Page - ON Semiconductor MC14015BDT Datasheet HTML 2Page - ON Semiconductor MC14015BDT Datasheet HTML 3Page - ON Semiconductor MC14015BDT Datasheet HTML 4Page - ON Semiconductor MC14015BDT Datasheet HTML 5Page - ON Semiconductor MC14015BDT Datasheet HTML 6Page - ON Semiconductor MC14015BDT Datasheet HTML 7Page - ON Semiconductor MC14015BDT Datasheet HTML 8Page - ON Semiconductor MC14015BDT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14015B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ (8.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock, Data to Q
tPLH, tPHL = (1.7 ns/pF) CL + 225 ns
tPLH, tPHL = (0.66 ns/pF) CL + 92 ns
tPLH, tPHL = (0.5 ns/pF) CL + 65 ns
Reset to Q
tPLH, tPHL = (1.7 ns/pF) CL + 375 ns
tPLH, tPHL = (0.66 ns/pF) CL + 147 ns
tPLH, tPHL = (0.5 ns/pF) CL + 95 ns
tPLH,
tPHL
5.0
10
15
5.0
10
15
310
125
90
460
180
120
750
250
170
750
250
170
ns
Clock Pulse Width
tWH
5.0
10
15
400
175
135
185
85
55
ns
Clock Pulse Frequency
fcl
5.0
10
15
2.0
6.0
7.5
1.5
3.0
3.75
MHz
Clock Pulse Rise and Fall Times
tTLH, tTHL
5.0
10
15
15
5
4
µs
Reset Pulse Width
tWH
5.0
10
15
400
160
120
200
80
60
ns
Setup Time
tsu
5.0
10
15
350
100
75
100
50
40
ns
7. The formulas given are for typical characteristics only at 25
_C.
8. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
2
CLOCK
DATA
50%
1
f
PULSE
GENERATOR
1
500
µF
VDD
ID
0.01
µF
CERAMIC
CL
Q0
Q1
Q2
Q3
D
C
R
VSS
CL
CL
CL
VDD


Numéro de pièce similaire - MC14015BDT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14015BDG ONSEMI-MC14015BDG Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14015BDR2 ONSEMI-MC14015BDR2 Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14015BDR2G ONSEMI-MC14015BDR2G Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14015BDR2G ONSEMI-MC14015BDR2G Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
More results

Description similaire - MC14015BDT

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4015BM NSC-CD4015BM Datasheet
134Kb / 6P
   Dual 4-Bit Static Shift Register
logo
Nexperia B.V. All right...
HEF4015B NEXPERIA-HEF4015B Datasheet
213Kb / 11P
   Dual 4-bit static shift register
Rev. 10 - 26 November 2021
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B_14 Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14015B HITACHI-HD14015B Datasheet
89Kb / 7P
   Dual 4-bit Static Shift Register
logo
Rohm
BU4015B ROHM-BU4015B Datasheet
50Kb / 4P
   Dual 4-bit static shift register
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
   Dual 4-bit static shift register
January 1995
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
   Dual 4-Bit Static Shift Register
logo
Fairchild Semiconductor
CD4015BC FAIRCHILD-CD4015BC Datasheet
56Kb / 6P
   Dual 4-Bit Static Shift Register
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com