Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10SX1125 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10SX1125
Description  FIBER OPTIC POST AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1125 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10SX1125 Datasheet HTML 1Page - ON Semiconductor MC10SX1125 Datasheet HTML 2Page - ON Semiconductor MC10SX1125 Datasheet HTML 3Page - ON Semiconductor MC10SX1125 Datasheet HTML 4Page - ON Semiconductor MC10SX1125 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10SX1125
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
2
FUNCTION TABLE
Pin
Function
CAZN
Auto-zero capacitor pin. A capacitor between this pin and CAZP cancels any offset inherent to the limiting amplifier.
CAZP
Auto-zero capacitor pin. A capacitor between this pin and CAZN cancels any offset inherent to the limiting amplifier.
GNDA
Analog ground pin. Ground for PECL operation or –5.2V for standard ECL operation. GNDA and GNDE must be at the same
potential.
Din, Din
Differential data input.
VCCA
Analog power supply pin. +5V for PECL operation or ground for standard ECL operation. VCCA and VCCE must be at the
same potential.
CLD
Filter capacitor for the level detect comparator. Capacitor should be connected to VCCA.
Disable
When asserted LOW, or left open and pulled LOW via the input pulldown resistor, the output buffer will be enabled and will
respond to the input stimulus on the Din input. Forcing Disable HIGH will force the Dout output LOW and its complimentary
output HIGH.
LOS
Loss of signal. This output will go HIGH when the input signal falls below (Vset/100) mVP-P.
GNDE
Digital ground pin. Ground for PECL operation or –5.2V for standard ECL operation. GNDA and GNDE must be at the same
potential.
Dout, Dout
Differential data outputs.
VCCE
Digital power supply pin. +5V for PECL operation or ground for standard ECL operation. VCCA and VCCE must be at the
same potential.
Vref
Reference voltage for threshold level set voltage division network (2.64V).
Vset
Input threshold level detect setting input. Input generated from voltage divider between Vref and GNDA.
Figure 1. Typical Operating Circuit
16
1
CAZN
Vset
15
2
CAZP
Vref
14
3
GNDA
VCCE
13
4
Din
Dout
12
5
Din
Dout
11
6
VCCA
GNDE
10
7
CLD
LOS
9
8
Disable
LOS
R1
R2
50
DATA OUT
50
5V
3V
50
LEVEL
DETECT OUT
50
Cbypass
CAZ
Cin
Cin
DATA IN
5V
CAZ
Cbypass


Numéro de pièce similaire - MC10SX1125

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2 ONSEMI-MC10SX1130DR2 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results

Description similaire - MC10SX1125

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Emcore Corporation
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com