Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100H603 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC100H603
Description  9-Bit Latch ECL/TTL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H603 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC100H603 Datasheet HTML 1Page - ON Semiconductor MC100H603 Datasheet HTML 2Page - ON Semiconductor MC100H603 Datasheet HTML 3Page - ON Semiconductor MC100H603 Datasheet HTML 4Page - ON Semiconductor MC100H603 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–311
REV 5
© Motorola, Inc. 1996
3/93
9-Bit Latch ECL/TTL
Translator
The MC10H/100H603 is a 9–bit, dual supply ECL to TTL translator.
Devices in the Motorola 9–bit translator series utilize the 28–lead PLCC for
optimal power pinning, signal flow–through and electrical performance.
The devices feature a 48 mA TTL output stage, and AC performance is
specified into both a 50 pF and 200 pF load capacitance. Latching is
controlled by Latch Enable (LEN), and Master Reset (MR) resets the
latches. A HIGH on OEECL sends the outputs into the high impedance
state. All control inputs are ECL level.
The 10H version is compatible with MECL 10H ECL logic levels. The
100H version is compatible with 100K levels.
• 9–Bit Ideal for Byte–Parity Applications
• 3–State TTL Outputs
• Flow–Through Configuration
• Extra TTL and ECL Power Pins to Minimize Switching Noise
• Dual Supply
• 6.0 ns Max Delay into 50 pF, 12 ns into 200 pF (all outputs switching)
• PNP TTL Inputs for Low Loading
LOGIC SYMBOL
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
OEECL
D0
D1
D2
D3
D4
D5
D6
D7
D8
LEN
MR
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
TTL
ECL
MC10H603
MC100H603
Pinout: 28–Lead PLCC (Top View)
PIN NAMES
PIN
FUNCTION
GND
VCCE
VCCT
VEE
D0 – D8
Q0 – Q8
OEECL
LEN
MR
TTL Ground (0 V)
ECL VCC (0 V)
TTL Supply (+ 5.0 V)
ECL Supply (– 5.2 / – 4.5 V)
Data Inputs (ECL)
Data Outputs (TTL)
3-State Control (ECL)
Latch Enable (ECL)
Master Reset (ECL)
Q4
56
78
9
10
11
25
24
23
22
21
20
19
Q3
VCCT
Q2
GND
Q1
Q0
VCCE
D8
D7
D6
D5
D4
D3
26
27
28
2
3
4
18
17
16
14
13
12
15
Q5 GND VCCT Q6 GND Q7 Q8
MR LEN OEECL VEE D0 D1
D2
FN SUFFIX
PLASTIC PACKAGE
CASE 776–02
D
L
H
X
X
X
TRUTH TABLE
LEN
L
L
H
X
X
MR
L
L
L
H
X
Q
L
H
Q0
L
Z
OEECL
L
L
L
L
H


Numéro de pièce similaire - MC100H603

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100H603 ONSEMI-MC100H603 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC100H603FN ONSEMI-MC100H603FN Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC100H603FNG ONSEMI-MC100H603FNG Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC100H603FNR2 ONSEMI-MC100H603FNR2 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC100H603FNR2G ONSEMI-MC100H603FNR2G Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
More results

Description similaire - MC100H603

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
logo
Fairchild Semiconductor
100393 FAIRCHILD-100393 Datasheet
60Kb / 6P
   Low Power 9-Bit ECL-to-TTL Translator with Latches
100395 FAIRCHILD-100395 Datasheet
54Kb / 5P
   Low Power 9-Bit ECL-to-TTL Translator with Registers
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com