Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H141 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10H141
Description  Four-Bit Universal Shift Register
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H141 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10H141 Datasheet HTML 1Page - ON Semiconductor MC10H141 Datasheet HTML 2Page - ON Semiconductor MC10H141 Datasheet HTML 3Page - ON Semiconductor MC10H141 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–131
REV 6
© Motorola, Inc. 1996
9/96
Four-Bit Universal Shift
Register
The MC10H141 is a four–bit universal shift register. This device is a
functional/pinout duplication of the standard MECL 10K part with 100%
improvement in propagation delay and operation frequency and no increase in
power supply current.
• Shift frequency, 250 MHz Min
• Power Dissipation, 425 mW Typical
• Improved Noise Margin 150 mV (over operating voltage and
temperature range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
112
102
112
mA
Input Current High
Pins 5,6,9,11,12,13
Pins 7,10
Pin 4
IinH
405
416
510
255
260
320
255
260
320
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
tpd
1.0
2.0
1.0
2.0
1.1
2.1
ns
Hold Time —
Data, Select
thold
1.0
1.0
1.0
ns
Set–up Time
Data
Select
tset
1.5
3.0
1.5
3.0
1.5
3.0
ns
Rise Time
tr
0.5
2.4
0.5
2.4
0.5
2.4
ns
Fall Time
tf
0.5
2.4
0.5
2.4
0.5
2.4
ns
Shift Frequency
fshift
250
250
250
MHz
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit
board and transverse air flow greater than 500 Iinear fpm is maintained. Outputs are terminated through
a 50 ohm resistor to –2.0 volts.
L
HQ2n
32n
H
Parallel Entry
Stop Shift
Q0n
MC10H141
DIP
PIN ASSIGNMENT
VCC1
Q2
Q3
C
DR
D3
S2
VEE
VCC2
Q1
Q0
DL
D0
D1
S1
D2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TRUTH TABLE
SELECT
OPERATING
MODE
OUTPUTS
S1
S2
Q1n + 1 Q2n + 1 Q3n + 1
L
L
* Outputs as exist after pulse appears at “C” input with
input conditions as shown (Pulse Positive transition of
clock input).
D0
D1
D2
D3
H
Shift Right*
Q1n
Q2n
Q3n
DR
H
L
Shift Left*
DL
Q0n
Q1n
Q2n
Q1n
Q0n + 1
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Numéro de pièce similaire - MC10H141

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H141 ONSEMI-MC10H141 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FN ONSEMI-MC10H141FN Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNG ONSEMI-MC10H141FNG Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNR2 ONSEMI-MC10H141FNR2 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNR2G ONSEMI-MC10H141FNR2G Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
More results

Description similaire - MC10H141

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10141 ONSEMI-MC10141 Datasheet
123Kb / 6P
   Four Bit Universal Shift Register
1996 REV 5
MC10141 ONSEMI-MC10141_02 Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
MC10H141 ONSEMI-MC10H141_16 Datasheet
143Kb / 5P
   Four?륛it Universal Shift Register
August, 2016 ??Rev. 9
MC10H141 ONSEMI-MC10H141_06 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
   UNIVERSAL 4-BIT SHIFT REGISTER
logo
NXP Semiconductors
HEF40195B PHILIPS-HEF40195B Datasheet
77Kb / 8P
   4-bit universal shift register
January 1995
logo
National Semiconductor ...
93L00 NSC-93L00 Datasheet
113Kb / 8P
   4-Bit Universal Shift Register
logo
NXP Semiconductors
HEF4035B PHILIPS-HEF4035B Datasheet
98Kb / 8P
   4-bit universal shift register
January 1995
logo
List of Unclassifed Man...
4035B ETC1-4035B Datasheet
149Kb / 3P
   4-BIT UNIVERSAL SHIFT REGISTER
logo
National Semiconductor ...
54195 NSC-54195 Datasheet
242Kb / 3P
   UNIVERSAL 4-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com