Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H124P Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10H124P
Description  Quad TTL-to-MECL Translator With TTL Strobe Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H124P Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10H124P Datasheet HTML 1Page - ON Semiconductor MC10H124P Datasheet HTML 2Page - ON Semiconductor MC10H124P Datasheet HTML 3Page - ON Semiconductor MC10H124P Datasheet HTML 4Page - ON Semiconductor MC10H124P Datasheet HTML 5Page - ON Semiconductor MC10H124P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
September, 2004 − Rev. 8
1
Publication Order Number:
MC10H124/D
MC10H124
Quad TTL−to−MECL
Translator With TTL Strobe
Input
The MC10H124 is a quad translator for interfacing data and control
signals between a saturated logic section and the MECL section of
digital systems. The 10H part is a functional/pinout duplication of the
standard MECL 10K family part, with 100% improvement in
propagation delay, and no increase in power−supply current.
Propagation Delay, 1.5 ns Typical
Improved Noise Margin 150 mV
(Over Operating Voltage and Temperature Range)
Voltage Compensated
MECL 10K−Compatible
Pb−Free Packages are Available*
Figure 1. Logic Diagram
GND = PIN 16
VCC ( +5.0 VDC) = PIN 9
VEE ( −5.2 VDC) = PIN 8
11
13
14
10
12
15
7
3
1
6
5
4
2
Figure 2. Pin Assignment
BOUT
AOUT
BOUT
AOUT
AIN
COMMON
STROBE
BIN
VEE
GND
COUT
DOUT
DOUT
COUT
DIN
CIN
VCC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see Table 1.
*For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
CDIP−16
L SUFFIX
CASE 620A
MC10H124L
AWLYYWW
PDIP−16
P SUFFIX
CASE 648
PLCC−20
FN SUFFIX
CASE 775
10H124
AWLYYWW
1
1
16
MC10H124P
AWLYYWW
EIAJ−16
M SUFFIX
CASE 966
10H124
ALYW
1
16
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
http://onsemi.com
ORDERING INFORMATION


Numéro de pièce similaire - MC10H124P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H124PG ONSEMI-MC10H124PG Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
More results

Description similaire - MC10H124P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com