Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC155 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce TLC155
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TLC155 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TLC155 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 10Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 11Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 12Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 13Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 14Page - List of Unclassifed Manufacturers TLC155 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
2.1.6 PORTA, PORTB & PORTC (Port Data Registers)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
05h (r/w)
PORTA
-
-
-
-
IOA3
IOA2
IOA1
IOA0
06h (r/w)
PORTB
IOB7
IOB6
IOB5
IOB4
IOB3
IOB2
IOB1
IOB0
07h (r/w)
PORTC
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
Reading the port (PORTA, PORTB, PORTC register) reads the status of the pins independent of the pin’s
input/output modes. Writing to these ports will write to the port data latch.
PORTA is a 4-bit port data Register. Only the low order 4 bits are used (PORTA<3:0>). Bits 7-4 are unimplemented
and read as ‘0’s.
PORTB is a 8-bit port data register.
PORTC is a 8-bit port data register for TLC155/157, or a General Purpose Register for
TLC154/156.
2.1.7 PCON (Power Control Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
08h (r/w)
PCON
WDTE
EIS
LVDTE
ROC
-
-
-
-
Bit3:Bit0 : Not used. Read as “0”s.
ROC : R-option function of IOA0 and IOA1 pins enable bit.
= 0, Disable the R-option function.
= 1, Enable the R-option function. In this case, if a 430K
Ω external resister is connected/disconnected to Vss,
the status of IOA0 (IOA1) is read as “0”/”1”.
LVDTE : LVDT (low voltage detector) enable bit.
= 0, Disable LVDT.
= 1, Enable LVDT.
EIS : Define the function of IOB0/INT pin.
= 0, IOB0 (bi-directional I/O pin) is selected. The path of INT is masked.
= 1, INT (external interrupt pin) is selected. In this case, the I/O control bit of IOB0 must be set to “1”. The path
of Port B input change of IOB0 pin is masked by hardware, the status of INT pin can also be read by way
of reading PORTB.
WDTE : WDT (watch-dog timer) enable bit.
= 0, Disable WDT.
= 1, Enable WDT.
2.1.8 WUCON (Port B Input Change Interrupt/Wake-up Control Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
09h (r/w)
WUCON
WUB7
WUB6
WUB5
WUB4
WUB3
WUB2
WUB1
WUB0
WUB0 : = 0, Disable the input change interrupt/wake-up function of IOB0 pin.
= 1, Enable the input change interrupt/wake-up function of IOB0 pin.
WUB1 : = 0, Disable the input change interrupt/wake-up function of IOB1 pin.
= 1, Enable the input change interrupt/wake-up function of IOB1 pin.
WUB2 : = 0, Disable the input change interrupt/wake-up function of IOB2 pin.
= 1, Enable the input change interrupt/wake-up function of IOB2 pin.
TLC
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156


Numéro de pièce similaire - TLC155

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC1550 TI-TLC1550 Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI1-TLC1550I Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
TLC1550I TI1-TLC1550I Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

Description similaire - TLC155

FabricantNo de pièceFiches techniqueDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com