Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2534 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN2534
Description  150 mA CMOS LDO Regulator with Fast Start, Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2534 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN2534 Datasheet HTML 1Page - Fairchild Semiconductor FAN2534 Datasheet HTML 2Page - Fairchild Semiconductor FAN2534 Datasheet HTML 3Page - Fairchild Semiconductor FAN2534 Datasheet HTML 4Page - Fairchild Semiconductor FAN2534 Datasheet HTML 5Page - Fairchild Semiconductor FAN2534 Datasheet HTML 6Page - Fairchild Semiconductor FAN2534 Datasheet HTML 7Page - Fairchild Semiconductor FAN2534 Datasheet HTML 8Page - Fairchild Semiconductor FAN2534 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REV. 1.0.2 8/26/03
3
PRODUCT SPECIFICATION
FAN2534/FAN2535
Operating Conditions
DC Electrical Characteristics (Notes 4, 5)
Symbol
Parameter
Min.
Typ.
Max.
Units
VIN
Input Voltage Range
VOUT+VDO
6.5
V
VOUT
Output Voltage Range
FAN2534-XX, FAN2535-XX (Note 3)
2.3
3.3
V
VOUT
Output Voltage Range (FAN2534 only)
2.0
5.0
V
VEN
Enable Input Voltage
0
VIN
V
VERR
ERR Flag Voltage
VIN
V
TJ
Junction Temperature
-40
+125
°C
θJA
Thermal resistance
220
°C/W
θJC
Thermal resistance
130
°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Regulator
VDO
Drop Out Voltage (Note 6)
IOUT = 100 µA
2.5
4
mV
IOUT = 50 mA
50
75
mV
IOUT = 100 mA
100
140
mV
IOUT = 150 mA
180
220
mV
∆VO
Output Voltage Accuracy
(Note 7)
Initial Accuracy at no
load
-1
1
%
Over Line, Load &
Temp
-3.7
2
%
IGND(NL) Ground Pin Current
No Load
90
µA
IGND(FL) Ground Pin Current
IOUT = 150 mA
110
µA
Protection
Current Limit
300
400
mA
IGSD
Shut-Down Current
EN = 0V
1
µA
TSH
Thermal Shutdown
Temperature
Hysteresis
155
15
°C
°C
ETL
ERR Trip Level
FAN2535 only
90
93
96
%
Enable Input
VEL
Logic Low Voltage
0.4
1.2
V
VEH
Logic High Voltage
1.4
2
V
IEH
Input Current High
1µA
IEL
Input Current Low
1µA


Numéro de pièce similaire - FAN2534

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
More results

Description similaire - FAN2534

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com