Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8152 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8152 Fiches technique(HTML) 5 Page - Analog Devices

  AD8152 Datasheet HTML 1Page - Analog Devices AD8152 Datasheet HTML 2Page - Analog Devices AD8152 Datasheet HTML 3Page - Analog Devices AD8152 Datasheet HTML 4Page - Analog Devices AD8152 Datasheet HTML 5Page - Analog Devices AD8152 Datasheet HTML 6Page - Analog Devices AD8152 Datasheet HTML 7Page - Analog Devices AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REV. A
AD8152
–5–
Ball Mnemonic Type
Description
A1
VEE
Power
Negative Supply
A2
VEE
Power
Negative Supply
A3
VEE
Power
Negative Supply
A4
VCC
Power
Positive Supply
A5
VTTO
Power
Output Termination Supply
A6
OUT02P
I/O
High Speed Output
A7
VTTO
Power
Output Termination Supply
A8
OUT05P
I/O
High Speed Output
A9
VTTO
Power
Output Termination Supply
A10 OUT08P
I/O
High Speed Output
A11 VCC
Power
Positive Supply
A12 OUT11P
I/O
High Speed Output
A13 VTTO
Power
Output Termination Supply
A14 OUT14P
I/O
High Speed Output
A15 VTTO
Power
Output Termination Supply
A16 VCC
Power
Positive Supply
A17 VEE
Power
Negative Supply
A18 VEE
Power
Negative Supply
A19 VEE
Power
Negative Supply
A20 VEE
Power
Negative Supply
B1
VEE
Power
Negative Supply
B2
VEE
Power
Negative Supply
B3
VEE
Power
Negative Supply
B4
VCC
Power
Positive Supply
B5
VTTO
Power
Output Termination Supply
B6
OUT02N
I/O
High Speed Output Complement
B7
VTTO
Power
Output Termination Supply
B8
OUT05N
I/O
High Speed Output Complement
B9
VTTO
Power
Output Termination Supply
B10 OUT08N
I/O
High Speed Output Complement
B11 VCC
Power
Positive Supply
B12 OUT11N
I/O
High Speed Output Complement
B13 VTTO
Power
Output Termination Supply
B14 OUT14N
I/O
High Speed Output Complement
B15 VTTO
Power
Output Termination Supply
B16 VCC
Power
Positive Supply
B17 VEE
Power
Negative Supply
B18 VEE
Power
Negative Supply
B19 VEE
Power
Negative Supply
B20 VEE
Power
Negative Supply
C1
VEE
Power
Negative Supply
C2
VEE
Power
Negative Supply
C3
A5
Control Output Address Pin (MSB)
C4
A6
Control Output Address Pin (Bank Des.)
C5
OUT00P
I/O
High Speed Output
C6
OUT01N
I/O
High Speed Output Complement
C7
OUT03P
I/O
High Speed Output
C8
OUT04N
I/O
High Speed Output Complement
C9
OUT06P
I/O
High Speed Output
C10 OUT07N
I/O
High Speed Output Complement
C11 OUT09P
I/O
High Speed Output
Ball Mnemonic
Type
Description
C12 OUT10N
I/O
High Speed Output Complement
C13 OUT12P
I/O
High Speed Output
C14 OUT13N
I/O
High Speed Output Complement
C15 OUT15P
I/O
High Speed Output
C16 OUT16N
I/O
High Speed Output Complement
C17 D5
Control Input Address Pin (MSB)
C18 D4
Control Input Address Pin
C19 VEE
Power
Negative Supply
C20 VEE
Power
Negative Supply
D1
A1
Control Output Address Pin
D2
A2
Control Output Address Pin
D3
A3
Control Output Address Pin
D4
A4
Control Output Address Pin
D5
OUT00N
I/O
High Speed Output Complement
D6
OUT01P
I/O
High Speed Output
D7
OUT03N
I/O
High Speed Output Complement
D8
OUT04P
I/O
High Speed Output
D9
OUT06N
I/O
High Speed Output Complement
D10 OUT07P
I/O
High Speed Output
D11 OUT09N
I/O
High Speed Output Complement
D12 OUT10P
I/O
High Speed Output
D13 OUT12N
I/O
High Speed Output Complement
D14 OUT13P
I/O
High Speed Output
D15 OUT15N
I/O
High Speed Output Complement
D16 OUT16P
I/O
High Speed Output
D17 D3
Control Input Address Pin
D18 D2
Control Input Address Pin
D19 D1
Control Input Address Pin
D20 D0
Control Input Address Pin (LSB)
E1
A0
Control Output Address Pin (LSB)
E2
UPDATE
Control Second Rank Write Enable
E3
N/C Reserved
Do Not Connect
E4
N/C Reserved
Do Not Connect
E17 N/C Reserved
Do Not Connect
E18 N/C Reserved
Do Not Connect
E19
RESET
Control Reset/Disable Outputs
E20
CS
Control Chip Select Enable
F1
VCC
Power
Positive Supply
F2
WE
Control First Rank Write Enable
F3
IN00P
I/O
High Speed Input
F4
IN00N
I/O
High Speed Input Complement
F17 IN17N
I/O
High Speed Input Complement
F18 IN17P
I/O
High Speed Input
F19
RE
Control Readback Enable
F20 VCC
Power
Positive Supply
G1
IN02P
I/O
High Speed Input
G2
IN02N
I/O
High Speed Input Complement
G3
IN01N
I/O
High Speed Input Complement
G4
IN01P
I/O
High Speed Input
G17 IN18P
I/O
High Speed Input
G18 IN18N
I/O
High Speed Input Complement
BALL GRID DESCRIPTIONS


Numéro de pièce similaire - AD8152

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
More results

Description similaire - AD8152

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
   4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21131 MA-COM-M21131 Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8151 AD-AD8151 Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com