Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC8T245-Q100 Fiches technique(PDF) 10 Page - Nexperia B.V. All rights reserved

No de pièce 74LVC8T245-Q100
Description  8-bit dual supply translating transceiver; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245-Q100 Fiches technique(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC8T245-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC8T245-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH8T245_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 21 March 2013
10 of 28
Nexperia
74LVC8T245-Q100; 74LVCH8T245-Q100
8-bit dual supply translating transceiver; 3-state
10. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
[1]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
[2]
fi = 10 MHz; VI =GND to VCC; tr = tf = 1 ns; CL = 0 pF; RL =  .
Table 8.
Typical dynamic characteristics at VCC(A) = 1.2 V and Tamb = 25 C[1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for waveforms see Figure 5 and Figure 6.
Symbol Parameter
Conditions
VCC(B)
Unit
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
tpd
propagation delay
An to Bn
11.0
8.5
7.4
6.2
5.7
5.4
ns
Bn to An
11.0
10.0
9.5
9.1
8.9
8.9
ns
tdis
disable time
OE to An
9.5
9.5
9.5
9.5
9.5
9.5
ns
OE to Bn
10.2
8.2
7.8
6.7
7.3
6.4
ns
ten
enable time
OE to An
13.5
13.5
13.5
13.5
13.5
13.5
ns
OE to Bn
13.6
10.3
8.9
7.5
7.1
7.0
ns
Table 9.
Typical dynamic characteristics at VCC(B) = 1.2 V and Tamb = 25 C[1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for waveforms see Figure 5 and Figure 6.
Symbol Parameter
Conditions
VCC(A)
Unit
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
tpd
propagation delay
An to Bn
11.0
10.0
9.5
9.1
8.9
8.8
ns
Bn to An
11.0
8.5
7.3
6.2
5.7
5.4
ns
tdis
disable time
OE to An
9.5
6.8
5.4
3.8
4.1
3.1
ns
OE to Bn
10.2
9.1
8.6
8.1
7.8
7.8
ns
ten
enable time
OE to An
13.5
9.0
6.9
4.8
3.8
3.2
ns
OE to Bn
13.6
12.5
12.0
11.5
11.4
11.4
ns
Table 10.
Typical power dissipation capacitance at VCC(A) = VCC(B) and Tamb = 25 C[1][2]
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
VCC(A) and VCC(B)
Unit
1.8 V
2.5 V
3.3 V
5.0 V
CPD
power dissipation
capacitance
A port: (direction A to B);
B port: (direction B to A)
11
12
pF
A port: (direction B to A);
B port: (direction A to B)
13
13
13
13
pF


Numéro de pièce similaire - 74LVC8T245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC8T245 NXP-74LVC8T245 Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74LVC8T245BQ NEXPERIA-74LVC8T245BQ Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
Texas Instruments
74LVC8T245DBQRG4 TI-74LVC8T245DBQRG4 Datasheet
739Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74LVC8T245-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74AXP8T245 NEXPERIA-74AXP8T245 Datasheet
325Kb / 27P
   8-bit dual supply translating transceiver; 3-state
Rev. 1 - 11 February 2020
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com