Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2141 Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce LPC2141
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2141 Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button LPC2141 Datasheet HTML 8Page - NXP Semiconductors LPC2141 Datasheet HTML 9Page - NXP Semiconductors LPC2141 Datasheet HTML 10Page - NXP Semiconductors LPC2141 Datasheet HTML 11Page - NXP Semiconductors LPC2141 Datasheet HTML 12Page - NXP Semiconductors LPC2141 Datasheet HTML 13Page - NXP Semiconductors LPC2141 Datasheet HTML 14Page - NXP Semiconductors LPC2141 Datasheet HTML 15Page - NXP Semiconductors LPC2141 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
12 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
6.
Functional description
6.1 Architectural overview
The ARM7TDMI-S is a general purpose 32-bit microprocessor, which offers high
performance and very low power consumption. The ARM architecture is based on
Reduced Instruction Set Computer (RISC) principles, and the instruction set and related
decode mechanism are much simpler than those of microprogrammed Complex
Instruction Set Computers (CISC). This simplicity results in a high instruction throughput
and impressive real-time interrupt response from a small and cost-effective processor
core.
Pipeline techniques are employed so that all parts of the processing and memory systems
can operate continuously. Typically, while one instruction is being executed, its successor
is being decoded, and a third instruction is being fetched from memory.
The ARM7TDMI-S processor also employs a unique architectural strategy known as
Thumb, which makes it ideally suited to high-volume applications with memory
restrictions, or applications where code density is an issue.
The key idea behind Thumb is that of a super-reduced instruction set. Essentially, the
ARM7TDMI-S processor has two instruction sets:
The standard 32-bit ARM set.
A 16-bit Thumb set.
The Thumb set’s 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining most of the ARM’s performance advantage over a
traditional 16-bit processor using 16-bit registers. This is possible because Thumb code
operates on the same 32-bit register set as ARM code.
Thumb code is able to provide up to 65 % of the code size of ARM, and 160 % of the
performance of an equivalent ARM processor connected to a 16-bit memory system.
The particular flash implementation in the LPC2141/42/44/46/48 allows for full speed
execution also in ARM mode. It is recommended to program performance critical and
short code sections (such as interrupt service routines and DSP algorithms) in ARM
mode. The impact on the overall code size will be minimal but the speed can be increased
by 30 % over Thumb mode.
6.2 On-chip flash program memory
The LPC2141/42/44/46/48 incorporate a 32 kB, 64 kB, 128 kB, 256 kB and 512 kB flash
memory system respectively. This memory may be used for both code and data storage.
Programming of the flash memory may be accomplished in several ways. It may be
programmed In System via the serial port. The application program may also erase and/or
program the flash while the application is running, allowing a great degree of flexibility for
data storage field firmware upgrades, etc. Due to the architectural solution chosen for an
on-chip boot loader, flash memory available for user’s code on LPC2141/42/44/46/48 is
32 kB, 64 kB, 128 kB, 256 kB and 500 kB respectively.
The LPC2141/42/44/46/48 flash memory provides a minimum of 100,000 erase/write
cycles and 20 years of data-retention.


Numéro de pièce similaire - LPC2141

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC2141 NXP-LPC2141 Datasheet
189Kb / 39P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 03-19 October 2007
LPC2141 NXP-LPC2141 Datasheet
192Kb / 40P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2141 NXP-LPC2141 Datasheet
258Kb / 2P
   ARM7-based microcontrollers with full-speed USB 2.0
January 2007
LPC2141 NXP-LPC2141 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2141 NXP-LPC2141 Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
More results

Description similaire - LPC2141

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC2141 PHILIPS-LPC2141_15 Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
LPC2141 NXP-LPC2141_08 Datasheet
192Kb / 40P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2141 NXP-LPC2141 Datasheet
189Kb / 39P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 03-19 October 2007
LPC2141FBD64-S NXP-LPC2141FBD64-S Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2364 NXP-LPC2364_10 Datasheet
983Kb / 59P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com