Moteur de recherche de fiches techniques de composants électroniques |
|
GRM1885C2A5R2DA01 Fiches technique(PDF) 26 Page - Murata Manufacturing Co., Ltd |
|
GRM1885C2A5R2DA01 Fiches technique(HTML) 26 Page - Murata Manufacturing Co., Ltd |
26 / 30 page 3. Board Design When designing the board, keep in mind that the amount of strain which occurs will increase depending on the sizeand material of the board. Relationship with amount of strain to the board thickness, length, width, etc.] ε= 3PL 2Ewh 2 Relationship between load and strain When the load is constant, the following relationship can be established. · As the distance between the supporting points (L) increases,the amount of strain also increases. →Reduce the distance between the supporting points. · As the elastic modulus (E) decreases, the amount of strain increases. →Increase the elastic modulus. · As the board width (w) decreases, the amount of strain increases. →Increase the width of the board. · As the board thickness (h) decreases, the amount of strain increases. →Increase the thickness of the board. Since the board thickness is squared, the effect on the amount of strain becomes even greater. ε:Strain on center of board (μst) L:Distance between supporting points (mm) w :Board width (mm) h :Board thickness (mm) E :Elastic modulus of board (N/m2=Pa) Y :Deflection (mm) P :Load (N) Y P h w L GRM1885C2A5R2DA01-01A |
Numéro de pièce similaire - GRM1885C2A5R2DA01 |
|
Description similaire - GRM1885C2A5R2DA01 |