Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFNMD-KMNMD Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce KFNMD-KMNMD
Description  Adapter 2.92mm NMD-M to 2.92mm-NMD-F
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KFNMD-KMNMD Fiches technique(HTML) 1 Page - Mini-Circuits

  KFNMD-KMNMD Datasheet HTML 1Page - Mini-Circuits KFNMD-KMNMD Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
KFNMD-KMNMD+
The Big Deal
• Ultra-wideband, DC-40 GHz
• Flat response
• Low insertion loss, 0.06 dB typ.
• Excellent VSWR, 1.05:1 typ.
Product Overview
Mini-Circuits’ KFNMD-KMNMD+ is a coaxial 2.92mm NMD-M to 2.92mm-F adapter supporting a wide
range of applications from DC to 40 GHz. This model provides excellent VSWR, low insertion loss, and
flat response versus frequency. The KFNMD-KMNMD+ features passivated stainless steel construction and
measures only 0.827” (l).
Key Features
Feature
Advantages
Wideband, DC to 40 GHz
Wide frequency range provides application flexibility and makes this model ideal for broad-
band and multi-band use.
Excellent VSWR, 1.05:1 typ.
Provides good matching for 50Ω systems and minimizes signal reflections across wide
frequency range.
Low insertion loss, 0.06 dB typ.
Provides excellent signal power transmission from input to output.
Passivated stainless steel construc-
tion.
Stands up to wear and tear in demanding environments and provides excellent reliability.
Very wide operating temperature
range, -55 to +100˚C
Withstands extreme operating conditions and is suitable for use near high power componen-
try where heat rise is common.
50Ω
DC to 40 GHz
Coaxial
Adapter 2.92mmNMD-Mto2.92mm-NMD-F
CASE STYLE: DJ2931-4


Numéro de pièce similaire - KFNMD-KMNMD

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
KFNMD-KM MINI-KFNMD-KM Datasheet
259Kb / 2P
   Adapter 2.92mm NMD-F to 2.92mm-M
REV. OR
KFNMD-KM++ MINI-KFNMD-KM+ Datasheet
259Kb / 2P
   Adapter 2.92mm NMD-F to 2.92mm-M
REV. OR
More results

Description similaire - KFNMD-KMNMD

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
KFNMD-KM MINI-KFNMD-KM Datasheet
259Kb / 2P
   Adapter 2.92mm NMD-F to 2.92mm-M
REV. OR
KMNMD-24MNMD MINI-KMNMD-24MNMD Datasheet
209Kb / 2P
   Adapter 2.92mm NMD-M to 2.4mm-NMD-M
logo
Pasternack Enterprises,...
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
   Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
logo
Winchester Electronics ...
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
   2.92mm(f) to 2.92mm(m) R/A ADAPTER
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
   2.92mm(f) to 2.92mm(f) R/A ADAPTER
TRU-12583 WINCHESTER-TRU-12583 Datasheet
80Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(f) to 2.92mm(f) BKHD ADAPTER
TRU-11233-RA WINCHESTER-TRU-11233-RA Datasheet
29Kb / 1P
   2.92mm(m) to 2.92mm(m) R/A ADAPTER
TRU-11233 WINCHESTER-TRU-11233 Datasheet
67Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(M) ADAPTER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com