Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC900 Fiches technique(PDF) 74 Page - Texas Instruments

No de pièce DLPC900
Description  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Fiches technique(HTML) 74 Page - Texas Instruments

Back Button DLPC900_V01 Datasheet HTML 70Page - Texas Instruments DLPC900_V01 Datasheet HTML 71Page - Texas Instruments DLPC900_V01 Datasheet HTML 72Page - Texas Instruments DLPC900_V01 Datasheet HTML 73Page - Texas Instruments DLPC900_V01 Datasheet HTML 74Page - Texas Instruments DLPC900_V01 Datasheet HTML 75Page - Texas Instruments DLPC900_V01 Datasheet HTML 76Page - Texas Instruments DLPC900_V01 Datasheet HTML 77Page - Texas Instruments DLPC900_V01 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
74
DLPC900
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
www.ti.com
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
10.1.15 Decoupling
Decoupling capacitors must be located as near as possible to the DLPC900 voltage supply pins. Capacitors
should not share vias. The DLPC900 power pins can be connected directly to the decoupling capacitor (no via) if
the trace is less than 0.03”. Otherwise the component should be tied to the voltage or ground plane through a
separate via. All capacitors should be connected to the power planes with trace lengths less than 0.05”. Try to
mount decoupling capacitors connecting to power rail VDD11 (1.15 V) using “via on sides” geometry as shown
below in Figure 42. If “via on the side” is not possible, 1.15 V decoupling capacitors can be mounted using “via at
ends” method, providing traces between the vias and decoupling capacitors’ pads be as short and wide (at least
15mils wide) as possible.
Figure 42. Decoupling Via Placement
10.1.16 Fiducials
Fiducials for automatic component insertion should be placed on the board according to the following guidelines
or on recommendation from manufacturer:
Fiducials for optical auto insertion alignment shall be placed on three corners of both sides of the PCB
Fiducials should be 0.050” copper with 0.100” cutout (antipad).


Numéro de pièce similaire - DLPC900_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

Description similaire - DLPC900_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com