Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC900 Fiches technique(PDF) 25 Page - Texas Instruments

No de pièce DLPC900
Description  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Fiches technique(HTML) 25 Page - Texas Instruments

Back Button DLPC900_V01 Datasheet HTML 21Page - Texas Instruments DLPC900_V01 Datasheet HTML 22Page - Texas Instruments DLPC900_V01 Datasheet HTML 23Page - Texas Instruments DLPC900_V01 Datasheet HTML 24Page - Texas Instruments DLPC900_V01 Datasheet HTML 25Page - Texas Instruments DLPC900_V01 Datasheet HTML 26Page - Texas Instruments DLPC900_V01 Datasheet HTML 27Page - Texas Instruments DLPC900_V01 Datasheet HTML 28Page - Texas Instruments DLPC900_V01 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
25
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
The number inside the parentheses for the I/O refers to the I/O type defined in Table 1.
(2)
Normal mode refers to DLPC900 operation during full functionality. Typical values correspond to power dissipated on nominal process
devices operating at nominal voltage and 70°C junction temperature (approximately 25°C ambient) displaying typical video-graphics
content from a high-frequency source. Max values correspond to power dissipated on fast-process devices operating at high voltage and
105°C junction temperature (approximately 55°C ambient) displaying typical video-graphics content from a high-frequency source. The
increased power dissipation observed on fast-process devices operated at max recommended temperature is primarily a result of
increased leakage current.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER (1)
TEST CONDITIONS (2)
MIN
TYP
MAX
UNIT
VIH
High-level input
threshold voltage
USB (9)
2
V
OSC (10)
2
3.3-V LVTTL (1, 2, 3, 4)
2
3.3-V I2C (8)
2.4
VDD33 + 0.5
VIL
Low-level input
threshold voltage
USB (9)
0.8
V
OSC (10)
0.8
3.3-V LVTTL (1, 2, 3, 4)
0.8
3.3-V I2C (8)
–0.5
1
VDIS
Differential input
sensitivity
(Differential input
voltage)
USB (9)
200
mV
VICM
Input common mode
range
(Differential cross
point voltage)
USB (9)
0.8
2.5
V
VOH
High-level output
voltage
USB (9)
2.8
V
1.8-V LVDS (7)
1.52
3.3-V LVTTL (1, 2, 3)
IOH = Max rated
2.7
VOL
Low-level output
voltage
USB (9)
0
0.3
V
1.8-V LVDS (7)
0.88
3.3-V LVTTL (1, 2, 3)
IOL = Max rated
0.4
3.3-V I2C (8)
IOL = 3-mA sink
0.4
VOD
Output differential
voltage
1.8-V LVDS (7)
0.065
0.44
V
IIH
High-level input
current
USB (9)
200
µA
OSC (10)
–10
10
3.3-V LVTTL (1 to 4)
(without internal pulldown)
VIH = VDD33
–10
10
3.3-V LVTTL (1 to 4) (with
internal pulldown)
VIH = VDD33
10
200
3.3-V I2C (8)
VIH = VDD33
10
IIL
Low-level input
current
USB (9)
–10
10
µA
OSC (10)
–10
10
3.3-V LVTTL (1-4)
(without internal pullup)
VOH = VDD33
–10
10
3.3-V LVTTL (1-4) (with
internal pullup)
VOH = VDD33
–10
–200
3.3-V I2C (8)
VOH = VDD33
–10


Numéro de pièce similaire - DLPC900_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

Description similaire - DLPC900_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com