Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM5364005CKG Fiches technique(PDF) 10 Page - Samsung semiconductor

No de pièce KMM5364005CKG
Description  4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364005CKG Fiches technique(HTML) 10 Page - Samsung semiconductor

Back Button KMM5364005CKG Datasheet HTML 6Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 7Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 8Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 9Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 10Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 11Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 12Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 13Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DRAM MODULE
KMM5364105CK/CKG
KMM5364005CK/CKG
Don
′t care
RAS - ONLY REFRESH CYCLE*
NOTE : W, OE, DIN = Don't care
Undefined
DOUT = OPEN
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
ROW
ADDR
tRC
tRP
tASR
tCRP
tRAS
tRAH
tRPC
tCRP
OPEN
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE , A = Don't care
RAS
VIH -
VIL -
CAS
VIH -
VIL -
tRC
tRP
tRAS
tRPC
tCP
tRPC
tCSR
tCHR
tCEZ
VOH -
VOL -
DQ
tWRP
tWRH
W
VIH -
VIL -
tRP
* In RAS-only refresh cycle of 64Mb A-dile & B-die, when CAS signal transits from Low to High, the valid data may be cut off.


Numéro de pièce similaire - KMM5364005CKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSWG SAMSUNG-KMM5364005CSWG Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
More results

Description similaire - KMM5364005CKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5368003BSW SAMSUNG-KMM5368003BSW Datasheet
365Kb / 18P
   8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com