Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM5364005CKG Fiches technique(PDF) 4 Page - Samsung semiconductor

No de pièce KMM5364005CKG
Description  4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364005CKG Fiches technique(HTML) 4 Page - Samsung semiconductor

  KMM5364005CKG Datasheet HTML 1Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 2Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 3Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 4Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 5Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 6Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 7Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 8Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DRAM MODULE
KMM5364105CK/CKG
KMM5364005CK/CKG
CAPACITANCE (TA = 25
°C, VCC=5V, f = 1MHz)
Item
Symbol
Min
Max
Unit
Input capacitance[A0-A11(A10)]
Input capacitance[W]
Input capacitance[RAS0]
Input capacitance[CAS0 - CAS3]
Input/Output capacitance[DQ0-35]
CIN1
CIN2
CIN3
CIN4
CDQ1
-
-
-
-
-
65
80
80
40
20
pF
pF
pF
pF
pF
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V, Output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
Random read or write cycle time
tRC
90
110
ns
Access time from RAS
tRAC
50
60
ns
3,4,10
Access time from CAS
tCAC
13
15
ns
3,4,5
Access time from column address
tAA
25
30
ns
3,10
CAS to output in Low-Z
tCLZ
3
3
ns
3
Output buffer turn-off delay from CAS
tCEZ
3
13
3
15
ns
6,11,12
Transition time(rise and fall)
tT
2
50
2
50
ns
2
RAS precharge time
tRP
30
40
ns
RAS pulse width
tRAS
50
10K
60
10K
ns
RAS hold time
tRSH
13
15
ns
CAS hold time
tCSH
38
45
ns
CAS pulse width
tCAS
8
10K
10
10K
ns
13
RAS to CAS delay time
tRCD
20
37
20
45
ns
4
RAS to column address delay time
tRAD
15
25
15
30
ns
10
CAS to RAS precharge time
tCRP
5
5
ns
Row address set-up time
tASR
0
0
ns
Row address hold time
tRAH
10
10
ns
Column address set-up time
tASC
0
0
ns
Column address hold time
tCAH
8
10
ns
Column address to RAS lead time
tRAL
25
30
ns
Read command set-up time
tRCS
0
0
ns
Read command hold time referenced to CAS
tRCH
0
0
ns
8
Read command hold time referenced to RAS
tRRH
0
0
ns
8
Write command hold time
tWCH
10
10
ns
Write command pulse width
tWP
10
10
ns
Write command to RAS lead time
tRWL
13
15
ns
Write command to CAS lead time
tCWL
8
10
ns
Data-in set-up time
tDS
0
0
ns
9
Data-in hold time
tDH
8
10
ns
9
Refresh period (4K Ref)
tREF
64
64
ms
Refresh period (2K Ref)
tREF
32
32
ms
Write command set-up time
tWCS
0
0
ns
7
CAS setup time(CAS-before-RAS refresh)
tCSR
5
5
ns
CAS hold time(CAS-before-RAS refresh)
tCHR
10
10
ns
RAS to CAS precharge time
tRPC
5
5
ns
AC CHARACTERISTICS (0
°C≤TA≤70°C, VCC=5.0V±10%. See notes 1,2.)


Numéro de pièce similaire - KMM5364005CKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSWG SAMSUNG-KMM5364005CSWG Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
More results

Description similaire - KMM5364005CKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5368003BSW SAMSUNG-KMM5368003BSW Datasheet
365Kb / 18P
   8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com