Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC53401 Fiches technique(PDF) 27 Page - Texas Instruments

No de pièce DAC53401
Description  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button DAC53401_V01 Datasheet HTML 23Page - Texas Instruments DAC53401_V01 Datasheet HTML 24Page - Texas Instruments DAC53401_V01 Datasheet HTML 25Page - Texas Instruments DAC53401_V01 Datasheet HTML 26Page - Texas Instruments DAC53401_V01 Datasheet HTML 27Page - Texas Instruments DAC53401_V01 Datasheet HTML 28Page - Texas Instruments DAC53401_V01 Datasheet HTML 29Page - Texas Instruments DAC53401_V01 Datasheet HTML 30Page - Texas Instruments DAC53401_V01 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
27
DAC53401, DAC43401
www.ti.com
SLASES7 – JULY 2019
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.6.1 STATUS Register (address = D0h) (reset = 000Ch or 0014h)
Figure 8. STATUS Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NVM_CRC_
ALARM_
USER
NVM_CRC_
ALARM_
INTERNAL
NVM_
BUSY
DAC_
UPDATE_
BUSY
X
DEVICE_ID
VERSION_ID
R
R
R
R
X
R
R
Table 18. STATUS Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15
NVM_CRC_ALARM_USER
R
0
0 : No CRC error in user NVM bits
1: CRC error in user NVM bits
14
NVM_CRC_ALARM_INTERNA
L
R
0
0 : No CRC error in internal NVM
1: CRC error in internal NVM bits
13
NVM_BUSY
R
0
0 : NVM write or load completed, Write to DAC registers
allowed
0 : NVM write or load in progress, Write to DAC registers
not allowed
12
DAC_UPDATE_BUSY
R
0
0 : DAC outputs updated, Write to DAC registers allowed
0 : DAC outputs update in progress, Write to DAC registers
not allowed
11 - 6
X
X
00h
Don't care
5 - 2
DEVICE_ID
R R
DAC53401: 0Ch
DAC43401: 14h
DAC53401: 0Ch
DAC43401: 14h
1 - 0
VERSION_ID
8.6.2 GENERAL_CONFIG Register (address = D1h) (reset = 11F0h)
Figure 9. GENERAL_CONFIG Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FUNC_
CONFIG
DEVICE_
LOCK
EN_
PMBUS
CODE_STEP
SLEW_RATE
DAC_PDN
REF_EN
DAC_SPAN
R/W
W
R/W
R/W
R/W
R/W
R/W
R/W
Table 19. GENERAL_CONFIG Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15 - 14
FUNC_CONFIG
R/W
00
00 : Generates a triangle wave between MARGIN_HIGH
(address 25h) code to MARGIN_LOW (address 26h) code with
slope defined by SLEW_RATE (address D1h) bits
01: Generates Saw-Tooth wave between MARGIN_HIGH
(address 25h) code to MARGIN_LOW (address 26h) code, with
rising slope defined by SLEW_RATE (address D1h) bits and
immediate falling edge
10: Generates Saw-Tooth wave between MARGIN_HIGH
(address 25h) code to MARGIN_LOW (address 26h) code, with
falling slope defined by SLEW_RATE (address D1h) bits and
immediate rising edge
11: Generates a square wave between MARGIN_HIGH (address
25h) code to MARGIN_LOW (address 26h) code with pulse high
and low period defined by SLEW_RATE (address D1h) bits
13
DEVICE_LOCK
W
0
0 : Device not locked
1: Device locked, the device locks all the registers. This bit can
be reset (unlock device) by writing 0101 to the
DEVICE_UNLOCK_CODE bits (address D3h)
12
RESERVED
Reserved
1
Reserved


Numéro de pièce similaire - DAC53401_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401DSGRQ1 TI-DAC53401DSGRQ1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401DSGRQ1 TI-DAC53401DSGRQ1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results

Description similaire - DAC53401_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 42P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
[Old version datasheet]   DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
[Old version datasheet]   Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com