Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100ELT24DR2 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC100ELT24DR2
Description  5V TTL to Differential ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT24DR2 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC100ELT24DR2 Datasheet HTML 1Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 2Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 3Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 4Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 5Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 6Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 7Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
October, 2004 − Rev. 7
1
Publication Order Number:
MC10ELT24/D
MC10ELT24, MC100ELT24
5VTTL to Differential
ECL Translator
The MC10ELT/100ELT24 is a TTL to differential ECL translator.
Because ECL levels are used a +5 V, −5.2 V (or −4.5 V) and ground
are required. The small outline 8−lead package and the single gate of
the ELT24 makes it ideal for those applications where space,
performance and low power are at a premium.
The 100 Series contains temperature compensation.
0.8 ns t
PHL, 0.95 ns tPLH Typical Propagation Delay
PNP TTL Inputs for Minimal Loading
Flow Through Pinouts
Operating Range: V
CC = 4.5 V to 5.5 V; VEE = −4.2 V to −5.5 V
with GND = 0 V
Pb−Free Packages are Available
L = Wafer Lot
Y = Year
W = Work Week
*For additional marking information, refer to
Application Note AND8002/D.
H = MC10
K = MC100
A = Assembly Location
SO−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
1
8
ALYW
HT24
1
8
ALYW
KT24
1
8
http://onsemi.com
HLT24
ALYW
1
8
KLT24
ALYW
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Numéro de pièce similaire - MC100ELT24DR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100ELT24DR2 ONSEMI-MC100ELT24DR2 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC100ELT24DR2G ONSEMI-MC100ELT24DR2G Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC100ELT24DR2G ONSEMI-MC100ELT24DR2G Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
More results

Description similaire - MC100ELT24DR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com