Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EP101FA Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC10EP101FA
Description  Quad 4-Input OR/NOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP101FA Fiches technique(HTML) 3 Page - ON Semiconductor

  MC10EP101FA Datasheet HTML 1Page - ON Semiconductor MC10EP101FA Datasheet HTML 2Page - ON Semiconductor MC10EP101FA Datasheet HTML 3Page - ON Semiconductor MC10EP101FA Datasheet HTML 4Page - ON Semiconductor MC10EP101FA Datasheet HTML 5Page - ON Semiconductor MC10EP101FA Datasheet HTML 6Page - ON Semiconductor MC10EP101FA Datasheet HTML 7Page - ON Semiconductor MC10EP101FA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EP101
http://onsemi.com
3
DC CHARACTERISTICS, ECL/LVECL (VCC = 0V, VEE = –5.5V to –3.0V) (Note 3.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 1.)
45
57
75
45
58
75
45
59
75
mA
VOH
Output HIGH Voltage
(Note 2.)
–1135
–1060
–885
–1070
–945
–820
–1010
–885
–760
mV
VOL
Output LOW Voltage
(Note 2.)
–1995
–1810
–1685
–1995
–1745
–1620
–1995
–1685
–1560
mV
VIH
Input HIGH Voltage Single Ended
–1210
–885
–1145
–820
–1085
–760
mV
VIL
Input LOW Voltage Single Ended
–1935
–1610
–1870
–1545
–1810
–1485
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
–150
–150
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
1. VCC = 0V, VEE = VEEmin to VEEmax, all other pins floating.
2. All loading with 50 ohms to VCC –2.0 volts.
3. Input and output parameters vary 1:1 with VCC.
DC CHARACTERISTICS, LVPECL (VCC = 3.3V ± 0.3V, VEE = 0V) (Note 6.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 4.)
45
57
75
45
58
75
45
59
75
mA
VOH
Output HIGH Voltage
(Note 5.)
2165
2240
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage
(Note 5.)
1305
1490
1615
1305
1555
1680
1305
1615
1740
mV
VIH
Input HIGH Voltage Single Ended
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage Single Ended
1365
1690
1430
1755
1490
1815
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
–150
–150
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
4. VCC = 3.0V, VEE = 0V, all other pins floating.
5. All loading with 50 ohms to VCC –2.0 volts.
6. Input and output parameters vary 1:1 with VCC.


Numéro de pièce similaire - MC10EP101FA

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP101FA ONSEMI-MC10EP101FA Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10EP101FAG ONSEMI-MC10EP101FAG Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10EP101FAR2 ONSEMI-MC10EP101FAR2 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10EP101FAR2G ONSEMI-MC10EP101FAR2G Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
More results

Description similaire - MC10EP101FA

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101_06 Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY10E101 MICREL-SY10E101 Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
logo
Motorola, Inc
MC10E101 MOTOROLA-MC10E101 Datasheet
98Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC10EL01 ONSEMI-MC10EL01 Datasheet
70Kb / 2P
   4-Input OR/NOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01 Datasheet
47Kb / 4P
   4-INPUT OR/NOR
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
   4-input OR / NOR
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01_06 Datasheet
49Kb / 4P
   4-INPUT OR/NOR
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01 Datasheet
71Kb / 2P
   4-Input OR/NOR
1996 REV 0
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com