Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP55NF03L Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STP55NF03L
Description  N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP55NF03L Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STP55NF03L Datasheet HTML 3Page - STMicroelectronics STP55NF03L Datasheet HTML 4Page - STMicroelectronics STP55NF03L Datasheet HTML 5Page - STMicroelectronics STP55NF03L Datasheet HTML 6Page - STMicroelectronics STP55NF03L Datasheet HTML 7Page - STMicroelectronics STP55NF03L Datasheet HTML 8Page - STMicroelectronics STP55NF03L Datasheet HTML 9Page - STMicroelectronics STP55NF03L Datasheet HTML 10Page - STMicroelectronics STP55NF03L Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STP55NF03L STB55NF03L/-1
10/11
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413
0.421
B0
15.7
15.9
0.618
0.626
D
1.5
1.6
0.059
0.063
D1
1.59
1.61
0.062
0.063
E
1.65
1.85
0.065
0.073
F
11.4
11.6
0.449
0.456
K0
4.8
5.0
0.189
0.197
P0
3.9
4.1
0.153
0.161
P1
11.9
12.1
0.468
0.476
P2
1.9
2.1
0075
0.082
R50
1.574
T
0.25
0.35
.0.0098
0.0137
W
23.7
24.3
0.933
0.956
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
* on sales type
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix ”T4”)*
D2PAK FOOTPRINT
TAPE MECHANICAL DATA


Numéro de pièce similaire - STP55NF03L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
February 2001
More results

Description similaire - STP55NF03L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
February 2001
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STP55NF06L STMICROELECTRONICS-STP55NF06L_06 Datasheet
337Kb / 15P
   N-channel 60V - 0.014廓 - 55A TO-220/D2PAK/I2PAK STripFET??II Power MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
STP55NF06L STMICROELECTRONICS-STP55NF06L Datasheet
454Kb / 12P
   N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET?줚I POWER MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
   N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
July 2006 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com