Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3483DV Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI3483DV
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3483DV Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI3483DV Datasheet HTML 1Page - Vishay Siliconix SI3483DV Datasheet HTML 2Page - Vishay Siliconix SI3483DV Datasheet HTML 3Page - Vishay Siliconix SI3483DV Datasheet HTML 4Page - Vishay Siliconix SI3483DV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
APPLICATIONS
D Load Switch
Si3483DV
Vishay Siliconix
Document Number: 72078
S-40238—Rev. B, 16-Feb-04
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
−30
0.035 @ VGS = −10 V
−6.2
−30
0.053 @ VGS = −4.5 V
−5.0
(1, 2, 5, 6) D
(4) S
(3) G
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
Ordering Information: Si3483DV-T1—E3 (Lead Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
−30
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−6.2
−4.7
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−4.9
−3.7
A
Pulsed Drain Current
IDM
−25
A
Continuous Source Current (Diode Conduction)a
IS
−1.7
−0.95
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.14
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
0.73
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
45
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Numéro de pièce similaire - SI3483DV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3483DDV VISHAY-SI3483DDV Datasheet
223Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI3483DDV-T1-GE3 VISHAY-SI3483DDV-T1-GE3 Datasheet
223Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI3483DV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com