Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-1030S Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce LA-1030S
Description  ADSL LINE TRANSFORMERS
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

LA-1030S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LA-1030S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE
LANKom Electronics Co., Ltd.
Mechanicals:
Schematics:
Electrical Specifications: @25℃
TRANSFORMERS
N1
N2
N3
N4
Designed to meet UL 1950/IEC-950 Requirements
Working voltage up to 250Vrms
連 康 電 子 股 份 有 限 公 司
LANKom Electronics Co., Ltd.
TEL: 886-2-6606-9777
FAX: 886-2-6606-9555
E-mail: sales@lankom.com.tw
03-11-14


Html Pages

1 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SM537-1ADSL Line Transformers 1 Bourns Electronic Solutions
SM561-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT314EP13 ADSL Line Transformers 1 Bourns Electronic Solutions
PT532-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT534-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT539-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT541-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT563-1ADSL Line Transformers 1 Bourns Electronic Solutions
SM535-1ADSL Line Transformers 1 Bourns Electronic Solutions
AD45048Rail-to-Rail Upstream ADSL Line Driver 1 2 3 4 5 MoreAnalog Devices

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn