Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1640ZD2I-25TDFN Fiches technique(PDF) 2 Page - Catalyst Semiconductor

No de pièce CAT1640ZD2I-25TDFN
Description  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1640ZD2I-25TDFN Fiches technique(HTML) 2 Page - Catalyst Semiconductor

  CAT1640ZD2I-25TDFN Datasheet HTML 1Page - Catalyst Semiconductor CAT1640ZD2I-25TDFN Datasheet HTML 2Page - Catalyst Semiconductor CAT1640ZD2I-25TDFN Datasheet HTML 3Page - Catalyst Semiconductor CAT1640ZD2I-25TDFN Datasheet HTML 4Page - Catalyst Semiconductor CAT1640ZD2I-25TDFN Datasheet HTML 5Page - Catalyst Semiconductor CAT1640ZD2I-25TDFN Datasheet HTML 6Page - Catalyst Semiconductor CAT1640ZD2I-25TDFN Datasheet HTML 7Page - Catalyst Semiconductor CAT1640ZD2I-25TDFN Datasheet HTML 8Page - Catalyst Semiconductor CAT1640ZD2I-25TDFN Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
CAT1640, CAT1641
Advance Information
Doc. No. 25082, Rev. 00
PIN DESCRIPTION
RESET/
RESET
RESET
RESET
RESET
RESET:
RESET OUTPUTS
These are open-drain pins and
RESET can also be used
as a manual reset trigger input. By forcing a reset condition
on the pin the device will initiate and maintain a reset
condition. The RESET pin must be connected through a
pull-down resistor and the
RESET pin must be connected
through a pull-up resistor.
SDA:
SERIAL DATA ADDRESS
The bidirectional serial data/address pin is used to trans-
fer all data into and out of the device. The SDA pin is an
open drain output and can be wire-ORed with other open
drain or open collector outputs.
BLOCK DIAGRAM — CAT1640, CAT1641
PIN FUNCTIONS
Pin Name
Function
RESET
Active Low Reset Input/Output (CAT1640)
VSS
Ground
SDA
Serial Data/Address
SCL
Clock Input
RESET
Active High Reset Output (CAT1641)
VCC
Power Supply
OPERATING TEMPERATURE RANGE
Industrial
-40˚C to 85˚C
Part Dash
Minimum
Maximum
Number
Threshold
Threshold
-45
4.50
4.75
-42
4.25
4.50
-30
3.00
3.15
-28
2.85
3.00
-25
2.55
2.70
Threshold Voltage Options
64kbit
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
EEPROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SDA
RESET Controller
Precision
Vcc Monitor
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
RESET (CAT1640)
RESET (CAT1641)
A0
A1
A2
SCL:
SERIAL CLOCK
Serial clock input.
A0, A1, A2:
DEVICE ADDRESS INPUTS
When hardwired, up to eight CAT1640/41 devices may
be addressed on a single bus system (refer to Device
Addressing). When the pins are left unconnected, the
default values are zeros.


Numéro de pièce similaire - CAT1640ZD2I-25TDFN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT1640ZD2I25GT3 ONSEMI-CAT1640ZD2I25GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1640ZD2I28GT3 ONSEMI-CAT1640ZD2I28GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1640ZD2I30GT3 ONSEMI-CAT1640ZD2I30GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1640ZD2I42GT3 ONSEMI-CAT1640ZD2I42GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1640ZD2I45GT3 ONSEMI-CAT1640ZD2I45GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
More results

Description similaire - CAT1640ZD2I-25TDFN

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com