Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1640RD2I-25TSSOP Fiches technique(PDF) 1 Page - Catalyst Semiconductor

No de pièce CAT1640RD2I-25TSSOP
Description  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1640RD2I-25TSSOP Fiches technique(HTML) 1 Page - Catalyst Semiconductor

  CAT1640RD2I-25TSSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT1640RD2I-25TSSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT1640RD2I-25TSSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT1640RD2I-25TSSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT1640RD2I-25TSSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT1640RD2I-25TSSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT1640RD2I-25TSSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT1640RD2I-25TSSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT1640RD2I-25TSSOP Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
CAT1640, CAT1641
Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. 25082, Rev. 00
ALO
GEN FR
TM
LEAD FREE
FEATURES
s Precision power supply voltage monitor
— 5V, 3.3V and 3V systems
- +5.0V (+/- 5%, +/- 10%)
- +3.3V (+/- 5%, +/- 10%)
- +3.0V (+/- 10%)
s Active low reset, CAT1640
s Active high reset, CAT1641
s Valid reset guaranteed at V
CC=1V
s 400kHz I2C bus
s 3.0V to 5.5V operation
s Low power CMOS technology
s 64-Byte page write buffer
s 1,000,000 Program/Erase cycles
s 100 year data retention
s 8-pin DIP, SOIC, TSSOP and TDFN packages
s Industrial temperature range
PIN CONFIGURATION
DESCRIPTION
The CAT1640 and CAT1641 are complete memory and
supervisory solutions for microcontroller-based systems.
A 64kbit serial EEPROM memory and a system power
supervisor with brown-out protection are integrated
together in low power CMOS technology. Memory
interface is via a 400kHz I2C bus.
The CAT1640 provides a precision VCC sense circuit
and drives an open drain output,
RESET low whenever
VCC falls below the reset threshold voltage.
The CAT1641 provides a precision VCC sense circuit
that drives an open drain output, RESET high whenever
VCC falls below the reset threshold voltage.
The power supply monitor and reset circuit protect
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
voltages support 5V, 3.3V and 3V systems. If power
supply voltages are out of tolerance reset signals become
active, preventing the system microcontroller, ASIC or
peripherals from operating. Reset signals become inactive
typically 200 ms after the supply voltage exceeds the reset
threshold level. With both active high and low reset options,
interface to microcontrollers and other ICs is simple. In
addition, the
RESET (CAT1640) pin can be used as an
input for push-button manual reset capability.
The CAT1640/41 memory features a 64-byte page. In
addition, hardware data protection is provided by a VCC
sense circuit that prevents writes to memory whenever VCC
falls below the reset threshold or until VCC reaches the reset
threshold during power up.
Available packages include an 8-pin DIP, SOIC, TSSOP
and 4.9 x 3mm TDFN.
PDIP (P, L) SOIC (J, W)
TDFN PACKAGE: 4.9MM X 3MM
(RD2, ZD2)
A0
VCC
RESET
SCL
SDA
A1
A2
VSS
CAT1640
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
CAT1641
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
CAT1640
A0
A1
A2
VSS
VCC
RESET
SCL
SDA
CAT1641
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
A0
VCC
RESET
SCL
SDA
A1
A2
VSS
CAT1640
1
2
3
4
8
7
6
5
CAT1641
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
A0
A1
A2
VSS
TSSOP (U, Y)


Numéro de pièce similaire - CAT1640RD2I-25TSSOP

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1640LI-25-G ONSEMI-CAT1640LI-25-G Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1640LI-28-G ONSEMI-CAT1640LI-28-G Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
More results

Description similaire - CAT1640RD2I-25TSSOP

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com