Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EL07 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10EL07
Description  2-Input XOR/XNOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL07 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10EL07 Datasheet HTML 1Page - ON Semiconductor MC10EL07 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 2
© Motorola, Inc. 1996
12/93
2Input XOR/XNOR
The MC10EL/100EL07 is a 2-input XOR/XNOR gate. The device is
functionally equivalent to the E107 device with higher performance
capabilities. With propagation delays and output transition times
significantly faster than the E107 the EL07 is ideally suited for those
applications which require the ultimate in AC performance.
260ps Propagation Delay
High Bandwidth Output Transitions
75kΩ Internal Input Pulldown Resistors
>1000V ESD Protection
1
2
3
4
5
6
7
8
NC
D0
D1
NC
VEE
Q
Q
VCC
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current 10EL
100EL
14
14
17
17
14
14
17
17
14
14
17
17
14
16
17
20
mA
VEE
Power Supply Voltage 10EL
100EL
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.75
–4.20
–5.2
–4.5
–5.5
–5.5
–4.75
–4.20
–5.2
–4.5
–5.5
–5.5
V
IIH
Input HIGH Current
D0
D1
250
150
250
150
250
150
250
150
µA
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation Delay to
Output
90
250
435
140
250
385
150
260
395
170
280
415
ps
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
100
225
350
100
225
350
100
225
350
100
225
350
ps
MC10EL07
MC100EL07
PIN
FUNCTION
D0, D1
Data Inputs
Q
Data Outputs
PIN DESCRIPTION
1
8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751-05


Numéro de pièce similaire - MC10EL07

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
MC10EL07 ONSEMI-MC10EL07 Datasheet
157Kb / 7P
   5.0 V ECL 2?륤nput XOR/XNOR
July, 2016 ??Rev. 8
MC10EL07D ONSEMI-MC10EL07D Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
MC10EL07D ONSEMI-MC10EL07D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL07DG ONSEMI-MC10EL07DG Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
More results

Description similaire - MC10EL07

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com