Moteur de recherche de fiches techniques de composants électroniques |
|
CAT1641LI-28SOIC Fiches technique(PDF) 4 Page - Catalyst Semiconductor |
|
CAT1641LI-28SOIC Fiches technique(HTML) 4 Page - Catalyst Semiconductor |
4 / 18 page 4 CAT1640, CAT1641 Advance Information Doc. No. 25082, Rev. 00 CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V Symbol Test Test Conditions Max Units COUT(1) Output Capacitance VOUT = 0V 8 pF CIN(1) Input Capacitance VIN = 0V 6 pF A.C. CHARACTERISTICS VCC = 3.0V to 5.5V and over the recommended temperature conditions, unless otherwise specified. Notes: 1. This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. 2. Test Conditions according to “AC Test Conditions” table. 3. The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high and the device does not respond to its slave address. e l c y C e t i r W & d a e R y r o m e M 2 l o b m y Sr e t e m a r a Pn i Mx a Ms t i n U f L C S y c n e u q e r F k c o l C0 0 4z H k t P S e k i p S r e t li F t u p n I ) L C S , A D S ( n o i s s e r p p u S 0 0 1s n t W O L d o i r e P w o L k c o l C3 . 1s µ t H G I H d o i r e P h g i H k c o l C6 . 0s µ t R 1 e m i T e s i R L C S d n a A D S0 0 3s n t F 1 e m i T ll a F L C S d n a A D S0 0 3s n t A T S ; D H e m i T d l o H n o i t i d n o C t r a t S6 . 0s µ t A T S ; U S e m i T p u t e S n o i t i d n o C t r a t S ) t r a t S d e t a e p e R a r o f ( 6 . 0s µ t T A D ; D H e m i T d l o H t u p n I a t a D0 s n t T A D ; U S e m i T p u t e S t u p n I a t a D0 0 1s n t O T S ; U S e m i T p u t e S n o i t i d n o C p o t S6 . 0s µ t A A d il a V t u O a t a D o t w o L L C S0 0 9s n t H D e m i T d l o H t u O a t a D0 5s n t F U B 1 a e r o f e B e e r F e b t s u m s u B e h t e m i T t r a t S n a C n o i s s i m s n a r T w e N 3 . 1s µ t C W 3 ) e g a P r o e t y B ( e m i T e l c y C e t i r W5 s m |
Numéro de pièce similaire - CAT1641LI-28SOIC |
|
Description similaire - CAT1641LI-28SOIC |