Moteur de recherche de fiches techniques de composants électroniques |
|
CAT24FC66JI-1.8TE13 Fiches technique(PDF) 4 Page - Catalyst Semiconductor |
|
CAT24FC66JI-1.8TE13 Fiches technique(HTML) 4 Page - Catalyst Semiconductor |
4 / 10 page CAT24FC65/66 4 Doc. No. 1047, Rev. H © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice FUNCTIONAL DESCRIPTION The CAT24FC65/66 supports the I2C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24FC65/66 operates as a Slave device. Both the Master device and Slave device can operate as either transmitter or receiver, but the Master device controls which mode is activated. PIN DESCRIPTIONS SCL: Serial Clock The serial clock input clocks all data transferred into or out of the device. SDA: Serial Data/Address The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. WP: Write Protect This input, when tied to GND, allows write operations to the entire memory. When this pin is tied to Vcc, the bottom/top (CAT24FC65/CAT24FC66)1/4 of memory is write protected. When left floating, memory is unprotected. A0, A1, A2: Device Address Inputs These pins are hardwired or left connected. When hardwired, up to eight CAT24FC65/66's may be addressed on a single bus system. When the pins are left unconnected, the default values are zero. Figure 3. Start/Stop Timing Figure 2. Write Cycle Timing Figure 1. Bus Timing START BIT SDA STOP BIT SCL tWR STOP CONDITION START CONDITION ADDRESS ACK 8TH BIT BYTE n SCL SDA tHIGH SCL SDA IN SDA OUT tLOW tF tLOW tR tBUF tSU:STO tSU:DAT tHD:DAT tHD:STA tSU:STA tAA tDH |
Numéro de pièce similaire - CAT24FC66JI-1.8TE13 |
|
Description similaire - CAT24FC66JI-1.8TE13 |