Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6261 Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LA6261
Description  LA6261
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6261 Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LA6261 Datasheet HTML 1Page - Sanyo Semicon Device LA6261 Datasheet HTML 2Page - Sanyo Semicon Device LA6261 Datasheet HTML 3Page - Sanyo Semicon Device LA6261 Datasheet HTML 4Page - Sanyo Semicon Device LA6261 Datasheet HTML 5Page - Sanyo Semicon Device LA6261 Datasheet HTML 6Page - Sanyo Semicon Device LA6261 Datasheet HTML 7Page - Sanyo Semicon Device LA6261 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA6261
No.7815-6/8
入出力部等価回路図 
端子番号
端子名
端子説明
1VO3+
2VO3−
3VO2+
4VO2−
5VO1+
6VO1−
7
PGND1
9
PVCC1
35
VO4+
36
VO4−
8
REGIN
10
REGOUT
11
VIN1
12
VIN1G
13
VIN2
14
VIN2G
15
VIN3
16
VIN3G
17
VIN4
18
VIN4G
19
FWD5
20
REV5
22
FWD6
23
REV6
次ページへ続く。
ILA06745
Pin.No 1
∼6, 39, 40
Pin.No 7
Pin.No 9
Pin.No 8
PGND
PVCC
SVCC
100Ω
ILA06746
Pin.No 10
PGND
PVCC
ILA06747
ILA06748
11kΩ
1kΩ
Pin.No 11, 13,
15, 17
Pin.No 12, 14,
16, 18
PGND
PVCC
PGND
SGND
PVCC
50kΩ
Pin.No 19, 20,
22, 23
PGND
PVCC
SGND
ILA06749


Numéro de pièce similaire - LA6261

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6261 SANYO-LA6261 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
LA6261D SANYO-LA6261D Datasheet
96Kb / 7P
   Monolithic Linear IC For Optical Disk Applications 6-chnnel Driver
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com