Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK3779-01R Fiches technique(PDF) 3 Page - Fuji Electric

No de pièce 2SK3779-01R
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3779-01R Fiches technique(HTML) 3 Page - Fuji Electric

  2SK3779-01R Datasheet HTML 1Page - Fuji Electric 2SK3779-01R Datasheet HTML 2Page - Fuji Electric 2SK3779-01R Datasheet HTML 3Page - Fuji Electric 2SK3779-01R Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
2SK3779-01R
FUJI POWER MOSFET
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
max.
min.
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch):VDS=VGS,ID=250
µA
Tch [
°C]
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140
0
2
4
6
8
10
12
14
Qg [nC]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=59A,Tch=25
°C
200V
125V
Vcc= 50V
10
-1
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
10
4
VDS [V]
Typical Capacitance
C=f(VDS):VGS=0V,f=1MHz
Crss
Coss
Ciss
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.1
1
10
100
1000
VSD [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80
µs pulse test,Tch=25 °C
10
-1
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
10
4
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=72V,VGS=10V,RG=10
td(on)
tr
tf
td(off)
ID [A]
0
255075
100
125
150
0
200
400
600
800
1000
1200
I
AS
=24A
I
AS
=36A
I
AS
=59A
starting Tch [
°C]
Maximum Avalanche Energy vs. starting Tch
E(AV)=f(starting Tch):Vcc=48V,I(AV)<=59A


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
4AM16 Silicon N-Channel/P-Channel Power MOSFET Array 1  2  3  4  5  More Hitachi Semiconductor
2SK821 FAST SWITCHING N-CHANNEL SILICON POWER MOSFET 1  2  3  4  NEC
2SK3778-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3932-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK1007-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK957-MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3579-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3318 Silicon N-channel power MOSFET 1  2  3  Panasonic Semiconductor
2SK3780-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK1008-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn