Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK3779-01R Fiches technique(PDF) 2 Page - Fuji Electric

No de pièce 2SK3779-01R
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3779-01R Fiches technique(HTML) 2 Page - Fuji Electric

  2SK3779-01R Datasheet HTML 1Page - Fuji Electric 2SK3779-01R Datasheet HTML 2Page - Fuji Electric 2SK3779-01R Datasheet HTML 3Page - Fuji Electric 2SK3779-01R Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Characteristics
2SK3779-01R
FUJI POWER MOSFET
0
25
50
75
100
125
150
0
100
200
300
Allowable Power Dissipation
PD=f(Tc)
Tc [
°C]
05
10
0
20
40
60
80
100
120
7V
20V
10V
8V
6.5V
VGS=6.0V
VDS [V]
Typical Output Characteristics
ID=f(VDS):80
µs pulse test,Tch=25 °C
0
1
2
3
456
78
9
10
0.1
1
10
100
VGS[V]
Typical Transfer Characteristic
ID=f(VGS):80
µs pulse test,VDS=25V,Tch=25°C
0.1
1
10
100
0.1
1
10
100
ID [A]
Typical Transconductance
gfs=f(ID):80
µs pulse test,VDS=25V,Tch=25°C
0
10
203040
5060
708090
100
110
0.00
0.05
0.10
0.15
0.20
8V
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80
µs pulse test,Tch=25°C
10V
20V
7V
6.5V
VGS=6V
-50
-25
0
25
50
75
100
125
150
0.00
0.05
0.10
0.15
Tch [
°C]
typ.
max.
Drain-Source On-state Resistance
RDS(on)=f(Tch):ID=29.5A,VGS=10V


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
4AM16 Silicon N-Channel/P-Channel Power MOSFET Array 1  2  3  4  5  More Hitachi Semiconductor
2SK821 FAST SWITCHING N-CHANNEL SILICON POWER MOSFET 1  2  3  4  NEC
2SK3778-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3932-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK1007-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK957-MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3579-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3318 Silicon N-channel power MOSFET 1  2  3  Panasonic Semiconductor
2SK3780-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK1008-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn