Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1MLBR2 Fiches technique(PDF) 2 Page - KODENSHI KOREA CORP.

No de pièce ST-1MLBR2
Description  PHOTOTRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-1MLBR2 Fiches technique(HTML) 2 Page - KODENSHI KOREA CORP.

  ST-1MLBR2 Datasheet HTML 1Page - KODENSHI KOREA CORP. ST-1MLBR2 Datasheet HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
フォトトランジスタ Phototransistors
ST-1MLBR2
24
0
2
1
4
5
3
(mA)
6
8
10(V)
(nA)
500
400
600
0
20
40
60
80
100
(%)
700
800
900
1000 (nm)
101
100
0
10−1
10−2
100
101
(mA)
102
103
(lx)
103
102
101
100
102
103
(μsec.)
104
105
(Ω)
40
20
0
50
100
(mW)
80
100
60
(℃)
20
40
60
80
100
0
100
10−1
101
102
103
(℃)
■コレクタ電流/
 コレクタ・エミッタ間電圧特性 IC/VCE
■コレクタ電流/照度特性 IC/EV
■分光感度特性
■応答時間/負荷抵抗特性 tr,tf/RL ※1
■暗電流/周囲温度特性 ICEO/Ta
■許容コレクタ損失/周囲温度 PC/Ta
0
0
+20
+40
−20
40
■指向特性
50
100
50
100
50
Ta=25℃
コレクタ・エミッタ間電圧 VCE
Collector - Emitter voltage
波長 λ
Wavelength
照度 Ev
Illuminance
負荷抵抗 RL
Load resistance
周囲温度 Ta
Ambient temperature
周囲温度 Ta
Ambient temperature
相対感度(%)
Relative sensitivity
角度(deg.)
Angle
VCE=10V
Ta=25℃
Ta=25℃
EV=500lx
EV=400lx
EV=300lx
EV=100lx
VCE=10V
Ta=25℃
VCC=5V
IC=1mA
Ta=25℃
EV=200lx
※1 応答時間測定条件
INPUT
IFP
VCC
VOUT
RL
IC
OUTPUT
tr
tf
10%
90%
tr
td
tf


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
PT4600 Double Ended Mold Type Phototransistors 1  2  3  4  5  Sharp Electrionic Components
ST302 PHOTOTRANSISTORS 1  2  List of Unclassifed Manufacturers
PNA1401LF Silicon NPN Phototransistors 1  2  3  Panasonic Semiconductor
FPT120 High Sensitivity Silicon Phototransistors 1  Fairchild Semiconductor
PNZ107 Silicon NPN Phototransistors 1  2  3  4  Panasonic Semiconductor
PNZ107F Silicon NPN Phototransistors 1  2  3  Panasonic Semiconductor
ST-1KA Photo transistors high-sensitivity NPN silicon phototransistors mounted in durable 1  2  KODENSHI KOREA CORP.
1N5722 N-P-N PLANAR SILICON PHOTOTRANSISTORS 1  2  3  4  Texas Instruments
VTT1015 .050 NPN Phototransistors 1  PerkinElmer Optoelectronics
ST-1KL3A Photo transistors high-sensitivity NPN silicon phototransistors mounted in durable 1  2  KODENSHI KOREA CORP.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn