Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1MLBR2 Datasheet(Fiches technique) 1 Page - KODENSHI KOREA CORP.

Numéro de pièce ST-1MLBR2
Description  PHOTOTRANSISTORS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-1MLBR2 Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  ST-1MLBR2 Datasheet HTML 1Page - KODENSHI KOREA CORP. ST-1MLBR2 Datenblatt HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
??????DIMENSIONS?Unit : mm?
????? MAXIMUM RATINGS
??????????ELECTRO-OPTICAL
CHARACTERISTICS
????????? PHOTOTRANSISTORS
ST-1MLBR2
ST-1MLBR2?????????????????????????
??????????????????????????????
???????????
The ST-1MLBR2 are high-sensitivity NPN silicon photo-
transistors mounted on TO-18 type metal stems with epoxy
encapsulation and with visible light cut-off filters, so that the
phototransistors are sensitive only to infrared rays.
????????ST-?MLBR2?Three leads (Collector, Emitter, Base)?ST-1MLBR2
????FEATURES
?
TO-18?????????????????
?
???????
?
????
?
TO-18 visible ray cut off resin potting type
?
With the base tarminal
?
Wide angular response
????APPLICATIONS
?
??????
?
????
?
????
?
Optical switches
?
Industrial machines
?
??
?
?
?
Collector
Emitter
?
?
?
?5.40.2
?0.45
?4.20.2
Epoxy?Resin
2.540.2
Base
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit.
???
???
?????
?????????
????
Switching speeds
????
???????
???
Collecor dark current
Light current
C-E saturation voltage
??????Rise time
??????Fall time
Spectral sensitivity
Peak wavelength
Half angle
ICEO
IL
VCE(sat)
tr
tf
?
?p
??
VCEO=10V
VCE=10V,EV=200Lx*2
IC=2mA,EV=2000Lx*2
VCC=10V
IC=5mA
RL=100?
0.5
1
1.2
0.2
8
10
720?1050
940
70
200
5.0
0.4
nA
mA
V
?sec.
?sec.
nm
nm
deg.
Item
Symbol
Rating
Unit
?????
???????
?????
???????
??????
??????
????
????
?????
C-E voltage
E-C voltage
Collector current
Collector power
dissipation
Operating temp.
Storage temp.
Soldering temp.*1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
40
4
30
100
?25??90
?30??100
260
V
V
mA
mW
?
?
?
?Ta?25??
?Ta?25??
?1. ???????2mm?????5?
For MAX. 5 seconds at the position of 2 mm from the resin edge
?2. ????2856K??????????
Color temp. = 2856K standard Tungsten lamp
??????????????????????????????????????????????????????????????????
?????????????


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
PT4600Double Ended Mold Type Phototransistors 1 2 3 4 5 Sharp Electrionic Components
ST302PHOTOTRANSISTORS 1 2 List of Unclassifed Manufacturers
PNA1401LFSilicon NPN Phototransistors 1 2 3 Panasonic Semiconductor
FPT120High Sensitivity Silicon Phototransistors 1 Fairchild Semiconductor
PNZ107Silicon NPN Phototransistors 1 2 3 4 Panasonic Semiconductor
PNZ107FSilicon NPN Phototransistors 1 2 3 Panasonic Semiconductor
ST-1KAPhoto transistors high-sensitivity NPN silicon phototransistors mounted in durable 1 2 KODENSHI KOREA CORP.
1N5722N-P-N PLANAR SILICON PHOTOTRANSISTORS 1 2 3 4 Texas Instruments
VTT1015.050 NPN Phototransistors 1 PerkinElmer Optoelectronics
ST-1KL3APhoto transistors high-sensitivity NPN silicon phototransistors mounted in durable 1 2 KODENSHI KOREA CORP.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn