Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSW140X Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TSW140X
Description  TSW140x High Speed Data Capture/Pattern Generator Card
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSW140X Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TSW140X Datasheet HTML 7Page - Texas Instruments TSW140X Datasheet HTML 8Page - Texas Instruments TSW140X Datasheet HTML 9Page - Texas Instruments TSW140X Datasheet HTML 10Page - Texas Instruments TSW140X Datasheet HTML 11Page - Texas Instruments TSW140X Datasheet HTML 12Page - Texas Instruments TSW140X Datasheet HTML 13Page - Texas Instruments TSW140X Datasheet HTML 14Page - Texas Instruments TSW140X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
Software Start up
When the software has been installed and the USB cable has been connected to the TSW140x EVM and
the PC, the TSW140x USB serial converter should be located in the Hardware Device Manager under the
Universal Serial Bus controllers as shown in Figure 6. This is a quad device which is why there is an A, B,
C, and D USB Serial Converter shown. When the USB cable is removed, these four will no longer be
visible in the Device Manager. If the drivers are present in the Device Manager window and the software
still does not connect, cycle power to the board and repeat the steps above.
If the GUI starts up but freezes before it brings up the "Connected to Board" dialog, or takes an unusually
long time for other actions to occur, it is possible the USB being used from the host PC is operating at
USB 1.0 speeds. A common indication of this is when the status bar on the bottom left of the screen
keeps reading "Disable all Controls" upon loading the software without ever going to the "Connect Board
Dialog". The GUI is designed to run at USB 2.0 speeds and some computers have USB 1.0 ports on the
front panel and 2.0 on the back panel. Using the ports on the back of the PC if at all possible is
recommended.
The .exe file installs the FTDI drivers during software installation. If after connecting the USB cable and
Windows lists the board as an "unknown device", this could be caused by corrupted FTDI drivers being
installed on the computer. This happens in cases where the same computer has been used to interface
with previous products that used FTDI drivers. In this case, users are advised to download and install a
utility from FTDI at http://www.ftdichip.com/Support/Utilities/CDMUninstaller_v1.4.zip.
The help file for using this utility is found at:
http:/www.ftdichip.com/Support/Utilities/CDM_Uninst_GUI_Readme.html
Users will need to use the following hex values to uninstall previous versions of the ftdi drivers:
Vendor ID (VID): 0403
Product ID (PID): 6010
After removing the drivers for this PID and VID, re-connect the TSW140x USB cable and check if the
TSW140x ports get listed properly in Device Manager.
Figure 6. Hardware Device Manager
11
SLWU079C – March 2012 – Revised January 2014
TSW140x High Speed Data Capture/Pattern Generator Card
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated


Numéro de pièce similaire - TSW140X

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSW1400EVM TI-TSW1400EVM Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
More results

Description similaire - TSW140X

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DCA1000EVM TI1-DCA1000EVM Datasheet
3Mb / 28P
[Old version datasheet]   Data Capture Card
logo
Keysight Technologies
BV0006A KEYSIGHT-BV0006A Datasheet
1Mb / 15P
   Data capture simplified. Click. Capture. Done.
logo
Maxim Integrated Produc...
MAX1420EVKIT MAXIM-MAX1420EVKIT Datasheet
235Kb / 6P
   Easy Data Capture Configuration
Rev 0; 5/01
logo
Texas Instruments
TSW1100 TI-TSW1100 Datasheet
76Kb / 18P
[Old version datasheet]   TSW1100 Data Capture Board
logo
National Semiconductor ...
CLC-CAPT-PCASM NSC-CLC-CAPT-PCASM Datasheet
750Kb / 15P
   Data Capture Board User?셲 Guide
logo
Agilent(Hewlett-Packard...
N2102B HP-N2102B Datasheet
421Kb / 4P
   Pattern Generator
logo
AAEON Technology
TF-PER-M07 AAEON-TF-PER-M07 Datasheet
149Kb / 1P
   Mini-PCI Capture Card
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
   High-Speed Data Quantizer
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
   High-Speed Octal Programmable Timing Generator
logo
Nippon Precision Circui...
SM6011 NPC-SM6011 Datasheet
210Kb / 8P
   High-speed Data Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com