Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TSW140X Datasheet(Fiches technique) 9 Page - Texas Instruments

Numéro de pièce TSW140X
Description  TSW140x High Speed Data Capture/Pattern Generator Card
Télécharger  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSW140X Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSW140X Datenblatt HTML 5Page - Texas Instruments TSW140X Datenblatt HTML 6Page - Texas Instruments TSW140X Datenblatt HTML 7Page - Texas Instruments TSW140X Datenblatt HTML 8Page - Texas Instruments TSW140X Datasheet HTML 9Page - Texas Instruments TSW140X Datenblatt HTML 10Page - Texas Instruments TSW140X Datenblatt HTML 11Page - Texas Instruments TSW140X Datenblatt HTML 12Page - Texas Instruments TSW140X Datenblatt HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
Software Start up
3.2
USB Interface and Drivers
The HSDC Pro GUI will first attempt to connect to the EVM USB interface. If the GUI identifies a valid
board serial number, a pop-up will open displaying this value, as shown in Figure 2. The serial number
also has an EVM type number attached to it. This indicates to the GUI which TSW140x board is presently
connected to the host PC. It is possible to connect several TSW140x EVMs to one host PC but the GUI
can only connect to one at a time. If multiple boards are connected to the PC, the pop-up displays all of
the serial numbers found. It is then up to the user to select which board the GUI will be associated with.
Figure 2. TSW140x EVM Serial Number
Click on “OK” to connect the GUI to the board. If the FPGA firmware version read by the GUI does not
match the firmware to be used as determined by the device selected (see section 4.1 for more info on
device selection), the following message appears as shown in Figure 3. This message also appears after
power up as the FPGA is not programmed.
Figure 3. Firmware Does Not Match the Device Selected
9
SLWU079C – March 2012 – Revised January 2014
TSW140x High Speed Data Capture/Pattern Generator Card
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn