Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TWR-LS1021A Fiches technique(PDF) 26 Page - Freescale Semiconductor, Inc

No de pièce TWR-LS1021A
Description  TWR-LS1021A Reference Manual
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TWR-LS1021A Fiches technique(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button TWR-LS1021A Datasheet HTML 22Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 23Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 24Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 25Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 26Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 27Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 28Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 29Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-11
Software must map the cfg_srds1_prtcl field in the RCW to the bits shown in Table 2-6 to the selected
Serdes configuration. To assist software in this, the CPLD will map either the RCW[cfg_srds1_prtcl] field
to these bits (if accessible), or map a DIP switch using the same process, see Section 2.8.4 for details.
2.8.1
PCI Express support
TWR-LS1021A supports evaluation of two PCI Express slots using mini PCI Express Gen-1 or Gen-2
card. In a few specialized cases (0x10 protocol), two PCI Express controllers are routed to one PCI Express
slot. This mode is designed for use with a specialized breakout card, and should never be enabled with
normal PCI Express cards installed.
For support this specific x2 mini PCI Express, one of connectors has some additional signals. The
expansion connector is used to support costumed x2 mini PCIE card.
The pinout of the side-band connector is shown in Table 2-7.
Table 2-7. Specific mini PCIe pinout
Signal
Pin
Pin
Signal
GND
51
52
+3.3Vaux
RERp1
49
50
GND
RERn1
47
48
+1.5V
GND
45
46
GND
GND
43
44
RETp1
+3.3Vaux
41
42
RETn1
+3.3Vaux
39
40
GND
GND
37
38
USB_D+
GND
35
36
USB_D-
PETp0
33
34
GND
PETn0
31
32
SMB_DATA
GND
29
30
SMB_CLK
GND
27
28
+1.5V
PERp0
25
26
GND
PERn0
23
24
+3.3Vaux
GND
21
22
PERST#
Reserved (UIM_C4)
19
20
W_DISABLE
Reserved (UIM_C48
17
18
GND
Mechanical Key
GND
15
16
UIM_VPP
REFCLK+
13
14
UIM_RESET
REFCLK-
11
12
UIM_CLK


Numéro de pièce similaire - TWR-LS1021A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TWR-016N ETC1-TWR-016N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
TWR-026N ETC1-TWR-026N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Murata Manufacturing Co...
TWR-22W MURATA-TWR-22W Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D12-C MURATA-TWR-3.3/4-12/300-D12-C Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D24-C MURATA-TWR-3.3/4-12/300-D24-C Datasheet
222Kb / 9P
   Isolated, High Reliability
More results

Description similaire - TWR-LS1021A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com