Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD103R25S20MSV Fiches technique(PDF) 2 Page - International Rectifier

No de pièce SD103R25S20MSV
Description  DISCRETE POWER DIODES and THYRISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD103R25S20MSV Fiches technique(HTML) 2 Page - International Rectifier

  SD103R25S20MSV Datasheet HTML 1Page - International Rectifier SD103R25S20MSV Datasheet HTML 2Page - International Rectifier SD103R25S20MSV Datasheet HTML 3Page - International Rectifier SD103R25S20MSV Datasheet HTML 4Page - International Rectifier SD103R25S20MSV Datasheet HTML 5Page - International Rectifier SD103R25S20MSV Datasheet HTML 6Page - International Rectifier SD103R25S20MSV Datasheet HTML 7Page - International Rectifier SD103R25S20MSV Datasheet HTML 8Page - International Rectifier SD103R25S20MSV Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
110A
FAST RECOVERY DIODES
Stud Version
SD103N/R SERIES
Bulletin I2062/A
Features
High power FAST recovery diode series
1.0 to 2.0 µs recovery time
High voltage ratings up to 2500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version JEDEC DO-30
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
110
A
@ T
C
85
°C
I
F(RMS)
173
A
I
FSM
@ 50Hz
3570
A
@ 60Hz
3730
A
I
2t
@ 50Hz
64
KA
2s
@ 60Hz
58
KA
2s
V
RRM
range
400 to 2500
V
t
rr
range
1.0 to 2.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD103N/R
Units
Major Ratings and Characteristics
case style
DO-205AC (DO-30)
Next Data Sheet
Index
Previous Datasheet
To Order


Numéro de pièce similaire - SD103R25S20MSV

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
SD103 RECTRON-SD103 Datasheet
80Kb / 1P
   SCHOTTKY SWITCHING DIODE
logo
Dc Components
SD1030 DCCOM-SD1030 Datasheet
249Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Won-Top Electronics
SD1030 WTE-SD1030 Datasheet
64Kb / 4P
   10A SCHOTTKY BARRIER DIODE
SD1030 WTE-SD1030 Datasheet
68Kb / 4P
   10A SCHOTTKY BARRIER DIODE
SD1030-06 WTE-SD1030-06 Datasheet
64Kb / 4P
   10A SCHOTTKY BARRIER DIODE
More results

Description similaire - SD103R25S20MSV

FabricantNo de pièceFiches techniqueDescription
logo
Sirectifier Semiconduct...
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
STO875 SIRECTIFIER-STO875 Datasheet
304Kb / 3P
   Discrete Thyristors (Isolated)
logo
SEMPO ELECTRONIC Limite...
STYN255 SEMPO-STYN255 Datasheet
140Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN230 ETC2-STYN230 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN255 SIRECTIFIER-STYN255 Datasheet
122Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN210 ETC1-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN225 SIRECTIFIER-STYN225 Datasheet
183Kb / 2P
   Discrete Thyristors(SCRs)
STYN1055 SIRECTIFIER-STYN1055 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
STYN216 SIRECTIFIER-STYN216 Datasheet
180Kb / 2P
   Discrete Thyristors(SCRs)
STYN210 SIRECTIFIER-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com